Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 103 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 103 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 99Page - Silicon Laboratories C8051F310 Datasheet HTML 100Page - Silicon Laboratories C8051F310 Datasheet HTML 101Page - Silicon Laboratories C8051F310 Datasheet HTML 102Page - Silicon Laboratories C8051F310 Datasheet HTML 103Page - Silicon Laboratories C8051F310 Datasheet HTML 104Page - Silicon Laboratories C8051F310 Datasheet HTML 105Page - Silicon Laboratories C8051F310 Datasheet HTML 106Page - Silicon Laboratories C8051F310 Datasheet HTML 107Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 228 page
background image
Rev. 1.7
103
C8051F310/1/2/3/4/5/6/7
8.4.2. Stop Mode
Setting the Stop Mode Select bit (PCON.1) causes the CIP-51 to enter Stop mode as soon as the instruc-
tion that sets the bit completes execution. In Stop mode the internal oscillator, CPU, and all digital peripher-
als are stopped; the state of the external oscillator circuit is not affected. Each analog peripheral (including
the external oscillator circuit) may be shut down individually prior to entering Stop Mode. Stop mode can
only be terminated by an internal or external reset. On reset, the CIP-51 performs the normal reset
sequence and begins program execution at address 0x0000.
If enabled, the Missing Clock Detector will cause an internal reset and thereby terminate the Stop mode.
The Missing Clock Detector should be disabled if the CPU is to be put to in STOP mode for longer than the
MCD timeout of 100 µsec.
SFR Definition 8.12. PCON: Power Control
Bits7–2: GF5–GF0: General Purpose Flags 5–0.
These are general purpose flags for use under software control.
Bit1:
STOP: Stop Mode Select.
Setting this bit will place the CIP-51 in Stop mode. This bit will always be read as 0.
1: CPU goes into Stop mode (internal oscillator stopped).
Bit0:
IDLE: Idle Mode Select.
Setting this bit will place the CIP-51 in Idle mode. This bit will always be read as 0.
1: CPU goes into Idle mode. (Shuts off clock to CPU, but clock to Timers, Interrupts, Serial
Ports, and Analog Peripherals are still active.)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
GF5
GF4
GF3
GF2
GF1
GF0
STOP
IDLE
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Address:
0x87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com