Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 107 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 107 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 103Page - Silicon Laboratories C8051F310 Datasheet HTML 104Page - Silicon Laboratories C8051F310 Datasheet HTML 105Page - Silicon Laboratories C8051F310 Datasheet HTML 106Page - Silicon Laboratories C8051F310 Datasheet HTML 107Page - Silicon Laboratories C8051F310 Datasheet HTML 108Page - Silicon Laboratories C8051F310 Datasheet HTML 109Page - Silicon Laboratories C8051F310 Datasheet HTML 110Page - Silicon Laboratories C8051F310 Datasheet HTML 111Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 228 page
background image
Rev. 1.7
107
C8051F310/1/2/3/4/5/6/7
any other reset source. For example, if the VDD monitor is enabled and a software reset is performed, the
VDD monitor will still be enabled after the reset.
Important Note: The VDD monitor must be enabled before it is selected as a reset source. Selecting the
VDD monitor as a reset source before it is enabled and stabilized may cause a system reset. The proce-
dure for configuring the VDD monitor as a reset source is shown below:
Step 1. Enable the VDD monitor (VDMEN bit in VDM0CN = ‘1’).
Step 2. Wait for the VDD monitor to stabilize (see Table 9.1 for the VDD Monitor turn-on time).
Note: This delay should be omitted if software contains routines that erase or write Flash
memory.
Step 3. Select the VDD monitor as a reset source (PORSF bit in RSTSRC = ‘1’).
See Figure 9.2 for VDD monitor timing; note that the reset delay is not incurred after a VDD monitor reset.
See Table 9.1 for complete electrical characteristics of the VDD monitor.
SFR Definition 9.1. VDM0CN: VDD Monitor Control
9.3.
External Reset
The external RST pin provides a means for external circuitry to force the device into a reset state. Assert-
ing an active-low signal on the RST pin generates a reset; an external pullup and/or decoupling of the RST
pin may be necessary to avoid erroneous noise-induced resets. See Table 9.1 for complete RST pin spec-
ifications. The PINRSF flag (RSTSRC.0) is set on exit from an external reset.
Bit7:
VDMEN: VDD Monitor Enable.
This bit is turns the VDD monitor circuit on/off. The VDD Monitor cannot generate system
resets until it is also selected as a reset source in register RSTSRC (Figure 9.2). The VDD
Monitor must be allowed to stabilize before it is selected as a reset source. Selecting the
VDD monitor as a reset source before it has stabilized may generate a system reset.
See Table 9.1 for the minimum VDD Monitor turn-on time.
0: VDD Monitor Disabled.
1: VDD Monitor Enabled.
Bit6:
VDD STAT: VDD Status.
This bit indicates the current power supply status (VDD Monitor output).
0: VDD is at or below the VDD monitor threshold.
1: VDD is above the VDD monitor threshold.
Bits5–0: Reserved. Read = Variable. Write = don’t care.
R/W
R
R
R
R
R
R
R
Reset Value
VDMEN
VDDSTAT Reserved Reserved Reserved Reserved Reserved Reserved
Variable
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Address:
0xFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com