Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 110 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 110 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 106Page - Silicon Laboratories C8051F310 Datasheet HTML 107Page - Silicon Laboratories C8051F310 Datasheet HTML 108Page - Silicon Laboratories C8051F310 Datasheet HTML 109Page - Silicon Laboratories C8051F310 Datasheet HTML 110Page - Silicon Laboratories C8051F310 Datasheet HTML 111Page - Silicon Laboratories C8051F310 Datasheet HTML 112Page - Silicon Laboratories C8051F310 Datasheet HTML 113Page - Silicon Laboratories C8051F310 Datasheet HTML 114Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 228 page
background image
C8051F310/1/2/3/4/5/6/7
110
Rev. 1.7
Table 9.1. Reset Electrical Characteristics
–40 to +85 °C unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
RST Output Low Voltage
IOL = 8.5 mA, VDD = 2.7 to 3.6 V
——
0.6
V
RST Input High Voltage
0.7 x
VDD
——
V
RST Input Low Voltage
—
—
0.3 x
VDD
RST Input Pullup Current
RST = 0.0 V
—
25
40
µA
VDD Monitor Threshold (VRST)
2.40
2.55
2.70
V
Missing Clock Detector Timeout
Time from last system clock rising
edge to reset initiation
100
220
600
µs
Reset Time Delay
Delay between release of any
reset source and code execution
at location 0x0000
5.0
—
—
µs
Minimum RST Low Time to
Generate a System Reset
15
—
—
µs
VDD Monitor Turn-on Time
100
—
—
µs
VDD Monitor Supply Current
—20
50
µA
VDD Ramp Time
VDD = 0 V to VDD = 2.7 V
——
1
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com