Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 113 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 113 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 109Page - Silicon Laboratories C8051F310 Datasheet HTML 110Page - Silicon Laboratories C8051F310 Datasheet HTML 111Page - Silicon Laboratories C8051F310 Datasheet HTML 112Page - Silicon Laboratories C8051F310 Datasheet HTML 113Page - Silicon Laboratories C8051F310 Datasheet HTML 114Page - Silicon Laboratories C8051F310 Datasheet HTML 115Page - Silicon Laboratories C8051F310 Datasheet HTML 116Page - Silicon Laboratories C8051F310 Datasheet HTML 117Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 228 page
background image
Rev. 1.7
113
C8051F310/1/2/3/4/5/6/7
10.3. Security Options
The CIP-51 provides security options to protect the Flash memory from inadvertent modification by soft-
ware as well as to prevent the viewing of proprietary program code and constants. The Program Store
Write Enable (bit PSWE in register PSCTL) and the Program Store Erase Enable (bit PSEE in register
PSCTL) bits protect the Flash memory from accidental modification by software. PSWE must be explicitly
set to ‘1’ before software can modify the Flash memory; both PSWE and PSEE must be set to ‘1’ before
software can erase Flash memory. Additional security features prevent proprietary program code and data
constants from being read or altered across the C2 interface.
A Security Lock Byte located at the last byte of Flash user space offers protection of the Flash program
memory from access (reads, writes, or erases) by unprotected code or the C2 interface. The Flash security
mechanism allows the user to lock n 512-byte Flash pages, starting at page 0 (addresses 0x0000 to
0x01FF), where n is the 1’s complement number represented by the Security Lock Byte. Note that the
page containing the Flash Security Lock Byte is unlocked when no other Flash pages are locked
(all bits of the Lock Byte are ‘1’) and locked when any other Flash pages are locked (any bit of the
Lock Byte is ‘0’). See the example below.
Figure 10.1. Flash Program Memory Map
Security Lock Byte:
11111101b
1’s Complement:
00000010b
Flash pages locked:
3 (First two Flash pages + Lock Byte Page)
Addresses locked:
0x0000 to 0x03FF (first two Flash pages)
and 0x3C00 to 0x3DFF or 0x1E00 to 0x1FFF (Lock Byte Page)
Access limit set
according to the
FLASH security lock
byte
C8051F310/1/6/7
0x0000
0x3DFF
Lock Byte
Reserved
0x3DFE
0x3E00
FLASH memory
organized in 512-byte
pages
0x3C00
Unlocked FLASH Pages
Locked when any
other FLASH pages
are locked
C8051F312/3/4/5
0x0000
0x1FFF
Lock Byte
Reserved
0x1FFE
0x2000
0x1E00
Unlocked FLASH Pages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com