Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 116 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 116 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 112Page - Silicon Laboratories C8051F310 Datasheet HTML 113Page - Silicon Laboratories C8051F310 Datasheet HTML 114Page - Silicon Laboratories C8051F310 Datasheet HTML 115Page - Silicon Laboratories C8051F310 Datasheet HTML 116Page - Silicon Laboratories C8051F310 Datasheet HTML 117Page - Silicon Laboratories C8051F310 Datasheet HTML 118Page - Silicon Laboratories C8051F310 Datasheet HTML 119Page - Silicon Laboratories C8051F310 Datasheet HTML 120Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 228 page
background image
C8051F310/1/2/3/4/5/6/7
116
Rev. 1.7
10. Make certain that the Flash write and erase pointer variables are not located in XRAM. See
your compiler documentation for instructions regarding how to explicitly locate variables in dif-
ferent memory areas.
11. Add address bounds checking to the routines that write or erase Flash memory to ensure that
a routine called with an illegal address does not result in modification of the Flash.
10.4.3. System Clock
12. If operating from an external crystal, be advised that crystal performance is susceptible to
electrical interference and is sensitive to layout and to changes in temperature. If the system is
operating in an electrically noisy environment, use the internal oscillator or use an external
CMOS clock.
13. If operating from the external oscillator, switch to the internal oscillator during Flash write or
erase operations. The external oscillator can continue to run, and the CPU can switch back to
the external oscillator after the Flash operation has completed.
Additional Flash recommendations and example code can be found in AN201, "Writing to Flash from Firm-
ware", available from the Silicon Laboratories web site.
SFR Definition 10.1. PSCTL: Program Store R/W Control
Bits7–2: UNUSED: Read = 000000b, Write = don’t care.
Bit1:
PSEE: Program Store Erase Enable
Setting this bit (in combination with PSWE) allows an entire page of Flash program memory
to be erased. If this bit is logic 1 and Flash writes are enabled (PSWE is logic 1), a write to
Flash memory using the MOVX instruction will erase the entire page that contains the loca-
tion addressed by the MOVX instruction. The value of the data byte written does not matter.
0: Flash program memory erasure disabled.
1: Flash program memory erasure enabled.
Bit0:
PSWE: Program Store Write Enable
Setting this bit allows writing a byte of data to the Flash program memory using the MOVX
write instruction. The Flash location should be erased before writing data.
0: Writes to Flash program memory disabled.
1: Writes to Flash program memory enabled; the MOVX write instruction targets Flash
memory.
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
-
-
-
-
-
-
PSEE
PSWE
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Address:
0x8F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com