Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 106 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 106 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 102Page - Silicon Laboratories C8051F310 Datasheet HTML 103Page - Silicon Laboratories C8051F310 Datasheet HTML 104Page - Silicon Laboratories C8051F310 Datasheet HTML 105Page - Silicon Laboratories C8051F310 Datasheet HTML 106Page - Silicon Laboratories C8051F310 Datasheet HTML 107Page - Silicon Laboratories C8051F310 Datasheet HTML 108Page - Silicon Laboratories C8051F310 Datasheet HTML 109Page - Silicon Laboratories C8051F310 Datasheet HTML 110Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 228 page
background image
C8051F310/1/2/3/4/5/6/7
106
Rev. 1.7
9.1.
Power-On Reset
During power-up, the device is held in a reset state and the RST pin is driven low until VDD settles above
VRST. An additional delay occurs before the device is released from reset; the delay decreases as the VDD
ramp time increases (VDD ramp time is defined as how fast VDD ramps from 0 V to VRST). Figure 9.2. plots
the power-on and VDD monitor reset timing. For valid ramp times (less than 1 ms), the power-on reset
delay (TPORDelay) is typically less than 0.3 ms.
Note: The maximum VDD ramp time is 1 ms; slower ramp times may cause the device to be released from
reset before VDD reaches the VRST level.
On exit from a power-on reset, the PORSF flag (RSTSRC.1) is set by hardware to logic 1. When PORSF is
set, all of the other reset flags in the RSTSRC Register are indeterminate (PORSF is cleared by all other
resets). Since all resets cause program execution to begin at the same location (0x0000) software can
read the PORSF flag to determine if a power-up was the cause of reset. The content of internal data mem-
ory should be assumed to be undefined after a power-on reset. The VDD monitor is disabled following a
power-on reset.
Figure 9.2. Power-On and VDD Monitor Reset Timing
9.2.
Power-Fail Reset / VDD Monitor
When a power-down transition or power irregularity causes VDD to drop below VRST, the power supply
monitor will drive the RST pin low and hold the CIP-51 in a reset state (see Figure 9.2). When VDD returns
to a level above VRST, the CIP-51 will be released from the reset state. Note that even though internal data
memory contents are not altered by the power-fail reset, it is impossible to determine if VDD dropped below
the level required for data retention. If the PORSF flag reads ‘1’, the data may no longer be valid. The VDD
monitor is disabled after power-on resets; however its defined state (enabled/disabled) is not altered by
Power-On
Reset
VDD
Monitor
Reset
/RST
t
1.0
2.0
Logic HIGH
Logic LOW
T
PORDelay
2.70
2.55
V
RST
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com