Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 121 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 121 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 117Page - Silicon Laboratories C8051F310 Datasheet HTML 118Page - Silicon Laboratories C8051F310 Datasheet HTML 119Page - Silicon Laboratories C8051F310 Datasheet HTML 120Page - Silicon Laboratories C8051F310 Datasheet HTML 121Page - Silicon Laboratories C8051F310 Datasheet HTML 122Page - Silicon Laboratories C8051F310 Datasheet HTML 123Page - Silicon Laboratories C8051F310 Datasheet HTML 124Page - Silicon Laboratories C8051F310 Datasheet HTML 125Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 228 page
background image
Rev. 1.7
121
C8051F310/1/2/3/4/5/6/7
12. Oscillators
C8051F31x devices include a programmable internal oscillator and an external oscillator drive circuit. The
internal oscillator can be enabled/disabled and calibrated using the OSCICN and OSCICL registers, as
shown in Figure 12.1. The system clock can be sourced by the external oscillator circuit, the internal oscil-
lator, or a scaled version of the internal oscillator. The internal oscillator's electrical specifications are given
in Table 12.1 on page 123.
Figure 12.1. Oscillator Diagram
12.1. Programmable Internal Oscillator
All C8051F31x devices include a programmable internal oscillator that defaults as the system clock after a
system reset. The internal oscillator period can be programmed via the OSCICL register as defined by
SFR Definition 12.1 OSCICL is factor calibrated to obtain a 24.5 MHz frequency.
Electrical specifications for the precision internal oscillator are given in Table 12.1 on page 123. Note that
the system clock may be derived from the programmed internal oscillator divided by 1, 2, 4, or 8, as
defined by the IFCN bits in register OSCICN. The divide value defaults to 8 following a reset.
OSC
Programmable
Internal Clock
Generator
Input
Circuit
EN
SYSCLK
n
OSCICL
OSCICN
XTAL1
XTAL2
Option 2
VDD
XTAL2
Option 1
10M
Ω
Option 3
XTAL2
Option 4
XTAL2
OSCXCN
CLKSEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com