Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 122 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 122 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 118Page - Silicon Laboratories C8051F310 Datasheet HTML 119Page - Silicon Laboratories C8051F310 Datasheet HTML 120Page - Silicon Laboratories C8051F310 Datasheet HTML 121Page - Silicon Laboratories C8051F310 Datasheet HTML 122Page - Silicon Laboratories C8051F310 Datasheet HTML 123Page - Silicon Laboratories C8051F310 Datasheet HTML 124Page - Silicon Laboratories C8051F310 Datasheet HTML 125Page - Silicon Laboratories C8051F310 Datasheet HTML 126Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 228 page
background image
C8051F310/1/2/3/4/5/6/7
122
Rev. 1.7
SFR Definition 12.1. OSCICL: Internal Oscillator Calibration
SFR Definition 12.2. OSCICN: Internal Oscillator Control
Bit7:
UNUSED. Read = 0. Write = don’t care.
Bits 6–0: OSCICL: Internal Oscillator Calibration Register.
This register determines the internal oscillator period. This reset value for OSCICL deter-
mines the oscillator base frequency. The reset value is factory calibrated to generate an
internal oscillator frequency of 24.5 MHz.
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
Variable
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Address:
0xB3
Bit7:
IOSCEN: Internal Oscillator Enable Bit.
0: Internal Oscillator Disabled.
1: Internal Oscillator Enabled.
Bit6:
IFRDY: Internal Oscillator Frequency Ready Flag.
0: Internal Oscillator is not running at programmed frequency.
1: Internal Oscillator is running at programmed frequency.
Bits5–2: UNUSED. Read = 0000b, Write = don't care.
Bits1–0: IFCN1-0: Internal Oscillator Frequency Control Bits.
00: SYSCLK derived from Internal Oscillator divided by 8.
01: SYSCLK derived from Internal Oscillator divided by 4.
10: SYSCLK derived from Internal Oscillator divided by 2.
11: SYSCLK derived from Internal Oscillator divided by 1.
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
IOSCEN
IFRDY
IFCN1
IFCN0
11000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Address:
0xB2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com