Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 124 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 124 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 120Page - Silicon Laboratories C8051F310 Datasheet HTML 121Page - Silicon Laboratories C8051F310 Datasheet HTML 122Page - Silicon Laboratories C8051F310 Datasheet HTML 123Page - Silicon Laboratories C8051F310 Datasheet HTML 124Page - Silicon Laboratories C8051F310 Datasheet HTML 125Page - Silicon Laboratories C8051F310 Datasheet HTML 126Page - Silicon Laboratories C8051F310 Datasheet HTML 127Page - Silicon Laboratories C8051F310 Datasheet HTML 128Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 228 page
background image
C8051F310/1/2/3/4/5/6/7
124
Rev. 1.7
12.2. External Oscillator Drive Circuit
The external oscillator circuit may drive an external crystal, ceramic resonator, capacitor, or RC network. A
CMOS clock may also provide a clock input. For a crystal or ceramic resonator configuration, the crys-
tal/resonator must be wired across the XTAL1 and XTAL2 pins as shown in Option 1 of Figure 12.1. A
10 M
Ω resistor also must be wired across the XTAL2 and XTAL1 pins for the crystal/resonator configura-
tion. In RC, capacitor, or CMOS clock configuration, the clock source should be wired to the XTAL2 pin as
shown in Option 2, 3, or 4 of Figure 12.1. The type of external oscillator must be selected in the OSCXCN
register, and the frequency control bits (XFCN) must be selected appropriately (see SFR Definition 12.4).
Important Note on External Oscillator Usage: Port pins must be configured when using the external
oscillator circuit. When the external oscillator drive circuit is enabled in crystal/resonator mode, Port pins
P0.2 and P0.3 are used as XTAL1 and XTAL2 respectively. When the external oscillator drive circuit is
enabled in capacitor, RC, or CMOS clock mode, Port pin P0.3 is used as XTAL2. The Port I/O Crossbar
should be configured to skip the Port pins used by the oscillator circuit; see Section “13.1. Priority Cross-
bar Decoder” on page 131 for Crossbar configuration. Additionally, when using the external oscillator cir-
cuit in crystal/resonator, capacitor, or RC mode, the associated Port pins should be configured as analog
inputs. In CMOS clock mode, the associated pin should be configured as a digital input. See Section
“13.2. Port I/O Initialization” on page 133 for details on Port input mode selection.
12.3. System Clock Selection
The CLKSL0 bit in register CLKSEL selects which oscillator is used as the system clock. CLKSL0 must be
set to ‘1’ for the system clock to run from the external oscillator; however the external oscillator may still
clock certain peripherals (timers, PCA) when the internal oscillator is selected as the system clock. The
system clock may be switched on-the-fly between the internal and external oscillator, so long as the
selected oscillator is enabled and has settled. The internal oscillator requires little start-up time and may be
selected as the system clock immediately following the OSCICN write that enables the internal oscillator.
External crystals and ceramic resonators typically require a start-up time before they are settled and ready
for use as the system clock. The Crystal Valid Flag (XTLVLD in register OSCXCN) is set to ‘1’ by hardware
when the external oscillator is settled. To avoid reading a false XTLVLD, in crystal mode software
should delay at least 1 ms between enabling the external oscillator and checking XTLVLD. RC and
C modes typically require no startup time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com