Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 127 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 127 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 123Page - Silicon Laboratories C8051F310 Datasheet HTML 124Page - Silicon Laboratories C8051F310 Datasheet HTML 125Page - Silicon Laboratories C8051F310 Datasheet HTML 126Page - Silicon Laboratories C8051F310 Datasheet HTML 127Page - Silicon Laboratories C8051F310 Datasheet HTML 128Page - Silicon Laboratories C8051F310 Datasheet HTML 129Page - Silicon Laboratories C8051F310 Datasheet HTML 130Page - Silicon Laboratories C8051F310 Datasheet HTML 131Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 228 page
background image
Rev. 1.7
127
C8051F310/1/2/3/4/5/6/7
12.5. External RC Example
If an RC network is used as an external oscillator source for the MCU, the circuit should be configured as
shown in Figure 12.1, Option 2. The capacitor should be no greater than 100 pF; however, for very small
capacitors, the total capacitance may be dominated by parasitic capacitance in the PCB layout. To deter-
mine the required External Oscillator Frequency Control value (XFCN) in the OSCXCN Register, first
select the RC network value to produce the desired frequency of oscillation. If the frequency desired is
100 kHz, let R = 246 k
Ω and C = 50 pF:
f = 1.23( 103 ) / RC = 1.23 ( 103 ) / [ 246 x 50 ] = 0.1 MHz = 100 kHz
Referring to the table in SFR Definition 12.4, the required XFCN setting is 010b.
12.6. External Capacitor Example
If a capacitor is used as an external oscillator for the MCU, the circuit should be configured as shown in
Figure 12.1, Option 3. The capacitor should be no greater than 100 pF; however for very small capacitors,
the total capacitance may be dominated by parasitic capacitance in the PCB layout. To determine the
required External Oscillator Frequency Control value (XFCN) in the OSCXCN Register, select the capaci-
tor to be used and find the frequency of oscillation from the equations below. Assume VDD = 3.0 V and
C = 50 pF:
f = KF / ( C x VDD ) = KF / ( 50 x 3 ) MHz
f = KF / 150 MHz
If a frequency of roughly 150 kHz is desired, select the K Factor from the table in SFR Definition 12.4 as
KF = 22:
f = 22 / 150 = 0.146 MHz, or 146 kHz
Therefore, the XFCN value to use in this example is 011b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com