Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 129 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 129 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 125Page - Silicon Laboratories C8051F310 Datasheet HTML 126Page - Silicon Laboratories C8051F310 Datasheet HTML 127Page - Silicon Laboratories C8051F310 Datasheet HTML 128Page - Silicon Laboratories C8051F310 Datasheet HTML 129Page - Silicon Laboratories C8051F310 Datasheet HTML 130Page - Silicon Laboratories C8051F310 Datasheet HTML 131Page - Silicon Laboratories C8051F310 Datasheet HTML 132Page - Silicon Laboratories C8051F310 Datasheet HTML 133Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 228 page
background image
Rev. 1.7
129
C8051F310/1/2/3/4/5/6/7
13. Port Input/Output
Digital and analog resources are available through 29 I/O pins (C8051F310/2/4), or 25 I/O pins
(C8051F311/3/5), or 21 I/O pins (C8051F316/7). Port pins are organized as three byte-wide Ports and one
5-bit-wide (C8051F310/2/4) or 1-bit-wide (C8051F311/3/5) Port. In the C8051F316/7, the port pins are
organized as one byte-wide Port, two 6-bit-wide Ports and one 1-bit-wide Port. Each of the Port pins can
be defined as general-purpose I/O (GPIO) or analog input; Port pins P0.0-P2.3 can be assigned to one of
the internal digital resources as shown in Figure 13.3. The designer has complete control over which func-
tions are assigned, limited only by the number of physical I/O pins. This resource assignment flexibility is
achieved through the use of a Priority Crossbar Decoder. The state of a Port I/O pin can always be read in
the corresponding Port latch, regardless of the Crossbar settings.
The Crossbar assigns the selected internal digital resources to the I/O pins based on the Priority Decoder
(Figure 13.3 and Figure 13.4). The registers XBR0 and XBR1, defined in SFR Definition 13.1 and SFR
Definition 13.2, are used to select internal digital functions.
All Port I/Os are 5 V tolerant (refer to Figure 13.2 for the Port cell circuit). The Port I/O cells are configured
as either push-pull or open-drain in the Port Output Mode registers (PnMDOUT, where n = 0,1,2,3). Com-
plete Electrical Specifications for Port I/O are given in Table 13.1 on page 143.
Figure 13.1. Port I/O Functional Block Diagram
XBR0, XBR1,
PnSKIP Registers
Digital
Crossbar
Priority
Decoder
2
P0.0
P0.7
PnMDOUT,
PnMDIN Registers
UART
Highest
Priority
Lowest
Priority
SYSCLK
2
SMBus
T0, T1
2
6
PCA
CP1
Outputs
2
4
SPI
CP0
Outputs
2
P1.0
P1.7
P2.0
P2.7
P3.0
P3.4
P0
(P0.0-P0.7)
(P1.0-P1.7)
(P2.0-P2.3)
(P2.4-P2.7)
8
8
4
4
P1
P2
Notes:
1. P3.1-P3.4 only available on the
C8051F310/2/4
2. P1.6,P1.7,P2.6,P2.7 only available
on the C8051F310/1/2/3/4/5
(P3.0-P3.4)
5
P3
5
P2
I/O
Cells
P3
I/O
Cells
P1
I/O
Cells
P0
I/O
Cells
8
8
8
4
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com