Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 204 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 204 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 200Page - Silicon Laboratories C8051F310 Datasheet HTML 201Page - Silicon Laboratories C8051F310 Datasheet HTML 202Page - Silicon Laboratories C8051F310 Datasheet HTML 203Page - Silicon Laboratories C8051F310 Datasheet HTML 204Page - Silicon Laboratories C8051F310 Datasheet HTML 205Page - Silicon Laboratories C8051F310 Datasheet HTML 206Page - Silicon Laboratories C8051F310 Datasheet HTML 207Page - Silicon Laboratories C8051F310 Datasheet HTML 208Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 228 page
background image
C8051F310/1/2/3/4/5/6/7
204
Rev. 1.7
18.1. PCA Counter/Timer
The 16-bit PCA counter/timer consists of two 8-bit SFRs: PCA0L and PCA0H. PCA0H is the high byte
(MSB) of the 16-bit counter/timer and PCA0L is the low byte (LSB). Reading PCA0L automatically latches
the value of PCA0H into a “snapshot” register; the following PCA0H read accesses this “snapshot” register.
Reading the PCA0L Register first guarantees an accurate reading of the entire 16-bit PCA0 counter.
Reading PCA0H or PCA0L does not disturb the counter operation. The CPS2-CPS0 bits in the PCA0MD
register select the timebase for the counter/timer as shown in Table 18.1. Note that in ‘External oscillator
source divided by 8’ mode, the external oscillator source is synchronized with the system clock,
and must have a frequency less than or equal to the system clock.
When the counter/timer overflows from 0xFFFF to 0x0000, the Counter Overflow Flag (CF) in PCA0MD is
set to logic 1 and an interrupt request is generated if CF interrupts are enabled. Setting the ECF bit in
PCA0MD to logic 1 enables the CF flag to generate an interrupt request. The CF bit is not automatically
cleared by hardware when the CPU vectors to the interrupt service routine, and must be cleared by soft-
ware (Note: PCA0 interrupts must be globally enabled before CF interrupts are recognized. PCA0 inter-
rupts are globally enabled by setting the EA bit (IE.7) and the EPCA0 bit in EIE1 to logic 1). Clearing the
CIDL bit in the PCA0MD register allows the PCA to continue normal operation while the CPU is in Idle
mode.
Figure 18.2. PCA Counter/Timer Block Diagram
Table 18.1. PCA Timebase Input Options
CPS2
CPS1
CPS0
Timebase
0
0
0
System clock divided by 12
0
0
1
System clock divided by 4
0
1
0
Timer 0 overflow
0
1
1
High-to-low transitions on ECI (max rate = system clock divided by 4)
1
0
0
System clock
1
0
1
External oscillator source divided by 8*
*Note:
External oscillator source divided by 8 is synchronized with the system clock.
PCA0CN
C
F
C
R
C
C
F
0
C
C
F
2
C
C
F
1
C
C
F
4
C
C
F
3
PCA0MD
C
I
D
L
W
D
T
E
E
C
F
C
P
S
1
C
P
S
0
W
D
L
C
K
C
P
S
2
IDLE
0
1
PCA0H
PCA0L
Snapshot
Register
To SFR Bus
Overflow
To PCA Interrupt System
CF
PCA0L
read
To PCA Modules
SYSCLK/12
SYSCLK/4
Timer 0 Overflow
ECI
000
001
010
011
100
101
SYSCLK
External Clock/8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com