Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 208 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 208 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 204Page - Silicon Laboratories C8051F310 Datasheet HTML 205Page - Silicon Laboratories C8051F310 Datasheet HTML 206Page - Silicon Laboratories C8051F310 Datasheet HTML 207Page - Silicon Laboratories C8051F310 Datasheet HTML 208Page - Silicon Laboratories C8051F310 Datasheet HTML 209Page - Silicon Laboratories C8051F310 Datasheet HTML 210Page - Silicon Laboratories C8051F310 Datasheet HTML 211Page - Silicon Laboratories C8051F310 Datasheet HTML 212Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 228 page
background image
C8051F310/1/2/3/4/5/6/7
208
Rev. 1.7
18.2.3. High-Speed Output Mode
In High Speed Output mode, a module’s associated CEXn pin is toggled each time a match occurs
between the PCA Counter and the module's 16-bit capture/compare register (PCA0CPHn and
PCA0CPLn) Setting the TOGn, MATn, and ECOMn bits in the PCA0CPMn register enables the High-
Speed Output mode.
Important Note About Capture/Compare Registers: When writing a 16-bit value to the PCA0 Capture/
Compare registers, the low byte should always be written first. Writing to PCA0CPLn clears the ECOMn bit
to ‘0’; writing to PCA0CPHn sets ECOMn to ‘1’.
Figure 18.6. PCA High Speed Output Mode Diagram
Match
16-bit Comparator
PCA0H
PCA0CPHn
Enable
PCA0L
PCA
Timebase
PCA0CPLn
0
1
00
0 x
ENB
ENB
0
1
Write to
PCA0CPLn
Write to
PCA0CPHn
Reset
PCA0CPMn
P
W
M
1
6
n
E
C
O
M
n
E
C
C
F
n
T
O
G
n
P
W
M
n
C
A
P
P
n
C
A
P
N
n
M
A
T
n
x
CEXn
Crossbar
Port I/O
Toggle
0
1
TOGn
PCA0CN
C
F
C
R
C
C
F
0
C
C
F
2
C
C
F
1
C
C
F
4
C
C
F
3
PCA Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com