Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 211 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 211 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 207Page - Silicon Laboratories C8051F310 Datasheet HTML 208Page - Silicon Laboratories C8051F310 Datasheet HTML 209Page - Silicon Laboratories C8051F310 Datasheet HTML 210Page - Silicon Laboratories C8051F310 Datasheet HTML 211Page - Silicon Laboratories C8051F310 Datasheet HTML 212Page - Silicon Laboratories C8051F310 Datasheet HTML 213Page - Silicon Laboratories C8051F310 Datasheet HTML 214Page - Silicon Laboratories C8051F310 Datasheet HTML 215Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 228 page
background image
Rev. 1.7
211
C8051F310/1/2/3/4/5/6/7
18.2.6. 16-Bit Pulse Width Modulator Mode
A PCA module may also be operated in 16-Bit PWM mode. In this mode, the 16-bit capture/compare mod-
ule defines the number of PCA clocks for the low time of the PWM signal. When the PCA counter matches
the module contents, the output on CEXn is asserted high; when the counter overflows, CEXn is asserted
low. To output a varying duty cycle, new value writes should be synchronized with PCA CCFn match inter-
rupts. 16-Bit PWM Mode is enabled by setting the ECOMn, PWMn, and PWM16n bits in the PCA0CPMn
register. For a varying duty cycle, match interrupts should be enabled (ECCFn = 1 AND MATn = 1) to help
synchronize the capture/compare register writes. The duty cycle for 16-Bit PWM Mode is given by
Equation 18.3.
Important Note About Capture/Compare Registers: When writing a 16-bit value to the PCA0 Capture/
Compare registers, the low byte should always be written first. Writing to PCA0CPLn clears the ECOMn bit
to ‘0’; writing to PCA0CPHn sets ECOMn to ‘1’.
Using Equation 18.3, the largest duty cycle is 100% (PCA0CPn = 0), and the smallest duty cycle is
0.0015% (PCA0CPn = 0xFFFF). A 0% duty cycle may be generated by clearing the ECOMn bit to ‘0’.
Figure 18.9. PCA 16-Bit PWM Mode
Equation 18.3. 16-Bit PWM Duty Cycle
DutyCycle
65536
PCA0CPn
–
()
65536
-----------------------------------------------------
=
PCA0CPLn
PCA0CPHn
Enable
PCA Timebase
00 x 0
x
PCA0CPMn
P
W
M
1
6
n
E
C
O
M
n
E
C
C
F
n
T
O
G
n
P
W
M
n
C
A
P
P
n
C
A
P
N
n
M
A
T
n
1
16-bit Comparator
CEXn
Crossbar
Port I/O
Overflow
Q
Q
SET
CLR
S
R
match
PCA0H
PCA0L
ENB
ENB
0
1
Write to
PCA0CPLn
Write to
PCA0CPHn
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com