Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 213 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 213 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 209Page - Silicon Laboratories C8051F310 Datasheet HTML 210Page - Silicon Laboratories C8051F310 Datasheet HTML 211Page - Silicon Laboratories C8051F310 Datasheet HTML 212Page - Silicon Laboratories C8051F310 Datasheet HTML 213Page - Silicon Laboratories C8051F310 Datasheet HTML 214Page - Silicon Laboratories C8051F310 Datasheet HTML 215Page - Silicon Laboratories C8051F310 Datasheet HTML 216Page - Silicon Laboratories C8051F310 Datasheet HTML 217Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 228 page
background image
Rev. 1.7
213
C8051F310/1/2/3/4/5/6/7
Note that the 8-bit offset held in PCA0CPH4 is compared to the upper byte of the 16-bit PCA counter. This
offset value is the number of PCA0L overflows before a reset. Up to 256 PCA clocks may pass before the
first PCA0L overflow occurs, depending on the value of the PCA0L when the update is performed. The
total offset is then given (in PCA clocks) by Equation 18.4, where PCA0L is the value of the PCA0L register
at the time of the update.
The WDT reset is generated when PCA0L overflows while there is a match between PCA0CPH4 and
PCA0H. Software may force a WDT reset by writing a ‘1’ to the CCF4 flag (PCA0CN.4) while the WDT is
enabled.
18.3.2. Watchdog Timer Usage
To configure the WDT, perform the following tasks:
•
Disable the WDT by writing a ‘0’ to the WDTE bit.
•
Select the desired PCA clock source (with the CPS2-CPS0 bits).
•
Load PCA0CPL4 with the desired WDT update offset value.
•
Configure the PCA Idle mode (set CIDL if the WDT should be suspended while the CPU is in Idle
mode).
•
Enable the WDT by setting the WDTE bit to ‘1’.
•
Write a value to PCA0CPH4 to reload the WDT.
The PCA clock source and Idle mode select cannot be changed while the WDT is enabled. The watchdog
timer is enabled by setting the WDTE or WDLCK bits in the PCA0MD register. When WDLCK is set, the
WDT cannot be disabled until the next system reset. If WDLCK is not set, the WDT is disabled by clearing
the WDTE bit.
The WDT is enabled following any reset. The PCA0 counter clock defaults to the system clock divided by
12, PCA0L defaults to 0x00, and PCA0CPL4 defaults to 0x00. Using Equation 18.4, this results in a WDT
timeout interval of 256 system clock cycles. Table 18.3 lists some example timeout intervals for typical sys-
tem clocks.
Equation 18.4. Watchdog Timer Offset in PCA Clocks
Offset
256
PCA0CPL4
×
()
256
PCA0L
–
()
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com