Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 215 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 215 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 211Page - Silicon Laboratories C8051F310 Datasheet HTML 212Page - Silicon Laboratories C8051F310 Datasheet HTML 213Page - Silicon Laboratories C8051F310 Datasheet HTML 214Page - Silicon Laboratories C8051F310 Datasheet HTML 215Page - Silicon Laboratories C8051F310 Datasheet HTML 216Page - Silicon Laboratories C8051F310 Datasheet HTML 217Page - Silicon Laboratories C8051F310 Datasheet HTML 218Page - Silicon Laboratories C8051F310 Datasheet HTML 219Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 228 page
background image
Rev. 1.7
215
C8051F310/1/2/3/4/5/6/7
18.4. Register Descriptions for PCA
Following are detailed descriptions of the special function registers related to the operation of the PCA.
SFR Definition 18.1. PCA0CN: PCA Control
Bit7:
CF: PCA Counter/Timer Overflow Flag.
Set by hardware when the PCA Counter/Timer overflows from 0xFFFF to 0x0000. When the
Counter/Timer Overflow (CF) interrupt is enabled, setting this bit causes the CPU to vector
to the PCA interrupt service routine. This bit is not automatically cleared by hardware and
must be cleared by software.
Bit6:
CR: PCA Counter/Timer Run Control.
This bit enables/disables the PCA Counter/Timer.
0: PCA Counter/Timer disabled.
1: PCA Counter/Timer enabled.
Bit5:
UNUSED. Read = 0b, Write = don't care.
Bit4:
CCF4: PCA Module 4 Capture/Compare Flag.
This bit is set by hardware when a match or capture occurs. When the CCF4 interrupt is
enabled, setting this bit causes the CPU to vector to the PCA interrupt service routine. This
bit is not automatically cleared by hardware and must be cleared by software.
Bit3:
CCF3: PCA Module 3 Capture/Compare Flag.
This bit is set by hardware when a match or capture occurs. When the CCF3 interrupt is
enabled, setting this bit causes the CPU to vector to the PCA interrupt service routine. This
bit is not automatically cleared by hardware and must be cleared by software.
Bit2:
CCF2: PCA Module 2 Capture/Compare Flag.
This bit is set by hardware when a match or capture occurs. When the CCF2 interrupt is
enabled, setting this bit causes the CPU to vector to the PCA interrupt service routine. This
bit is not automatically cleared by hardware and must be cleared by software.
Bit1:
CCF1: PCA Module 1 Capture/Compare Flag.
This bit is set by hardware when a match or capture occurs. When the CCF1 interrupt is
enabled, setting this bit causes the CPU to vector to the PCA interrupt service routine. This
bit is not automatically cleared by hardware and must be cleared by software.
Bit0:
CCF0: PCA Module 0 Capture/Compare Flag.
This bit is set by hardware when a match or capture occurs. When the CCF0 interrupt is
enabled, setting this bit causes the CPU to vector to the PCA interrupt service routine. This
bit is not automatically cleared by hardware and must be cleared by software.
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
CF
CR
CCF4
CCF3
CCF2
CCF1
CCF0
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Address:
(bit addressable)
0xD8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com