Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 217 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 217 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 213Page - Silicon Laboratories C8051F310 Datasheet HTML 214Page - Silicon Laboratories C8051F310 Datasheet HTML 215Page - Silicon Laboratories C8051F310 Datasheet HTML 216Page - Silicon Laboratories C8051F310 Datasheet HTML 217Page - Silicon Laboratories C8051F310 Datasheet HTML 218Page - Silicon Laboratories C8051F310 Datasheet HTML 219Page - Silicon Laboratories C8051F310 Datasheet HTML 220Page - Silicon Laboratories C8051F310 Datasheet HTML 221Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 228 page
background image
Rev. 1.7
217
C8051F310/1/2/3/4/5/6/7
SFR Definition 18.3. PCA0CPMn: PCA Capture/Compare Mode Registers
PCA0CPMn Address:
PCA0CPM0 = 0xDA (n = 0), PCA0CPM1 = 0xDB (n = 1),
PCA0CPM2 = 0xDC (n = 2), PCA0CPM3 = 0xDD (n = 3),
PCA0CPM4 = 0xDE (n = 4)
Bit7:
PWM16n: 16-bit Pulse Width Modulation Enable.
This bit selects 16-bit mode when Pulse Width Modulation mode is enabled (PWMn = 1).
0: 8-bit PWM selected.
1: 16-bit PWM selected.
Bit6:
ECOMn: Comparator Function Enable.
This bit enables/disables the comparator function for PCA module n.
0: Disabled.
1: Enabled.
Bit5:
CAPPn: Capture Positive Function Enable.
This bit enables/disables the positive edge capture for PCA module n.
0: Disabled.
1: Enabled.
Bit4:
CAPNn: Capture Negative Function Enable.
This bit enables/disables the negative edge capture for PCA module n.
0: Disabled.
1: Enabled.
Bit3:
MATn: Match Function Enable.
This bit enables/disables the match function for PCA module n. When enabled, matches of
the PCA counter with a module's capture/compare register cause the CCFn bit in PCA0MD
register to be set to logic 1.
0: Disabled.
1: Enabled.
Bit2:
TOGn: Toggle Function Enable.
This bit enables/disables the toggle function for PCA module n. When enabled, matches of
the PCA counter with a module's capture/compare register cause the logic level on the CEXn
pin to toggle. If the PWMn bit is also set to logic 1, the module operates in Frequency Output
Mode.
0: Disabled.
1: Enabled.
Bit1:
PWMn: Pulse Width Modulation Mode Enable.
This bit enables/disables the PWM function for PCA module n. When enabled, a pulse width
modulated signal is output on the CEXn pin. 8-bit PWM is used if PWM16n is cleared; 16-bit
mode is used if PWM16n is set to logic 1. If the TOGn bit is also set, the module operates in
Frequency Output Mode.
0: Disabled.
1: Enabled.
Bit0:
ECCFn: Capture/Compare Flag Interrupt Enable.
This bit sets the masking of the Capture/Compare Flag (CCFn) interrupt.
0: Disable CCFn interrupts.
1: Enable a Capture/Compare Flag interrupt request when CCFn is set.
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
PWM16n
ECOMn
CAPPn
CAPNn
MATn
TOGn
PWMn
ECCFn
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Address:
0xDA, 0xDB, 0xDC,
0xDD, 0xDE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com