Electronic Components Datasheet Search
  English  ▼

X  

DA7212 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # DA7212
Description  Ultra-Low Power Stereo Codec
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7212 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button DA7212 Datasheet HTML 32Page - Renesas Technology Corp DA7212 Datasheet HTML 33Page - Renesas Technology Corp DA7212 Datasheet HTML 34Page - Renesas Technology Corp DA7212 Datasheet HTML 35Page - Renesas Technology Corp DA7212 Datasheet HTML 36Page - Renesas Technology Corp DA7212 Datasheet HTML 37Page - Renesas Technology Corp DA7212 Datasheet HTML 38Page - Renesas Technology Corp DA7212 Datasheet HTML 39Page - Renesas Technology Corp DA7212 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 136 page
background image
Ultra-Low Power Stereo Codec
DA7212 Revision 3.6
Nov 1, 2024
CFR011-120-00
Page 36
13.9 Beep Generator and Controller
The DA7212 has two sine wave generators (SWG). Each SWG can generate an audio frequency from 10 Hz to
12 kHz with a 12.288 MHz system clock (or from 10 Hz to 11.02 kHz with a 11.288 MHz system clock). The
output frequency of each SWG can be specified with a 10Hz step size using the FREQ1_L and FREQ1_U
registers for SWG 1, and FREQ2_L and FREQ2_U for
SWG 2.
For all Output Frequency calculations,
FREQ[15:8] = FREQn_U
FREQ[7:0] = FREQn_L
For sample rates (SR) = 8/12/16/24/32/48/96 kHz,
FREQ = (2^16 * (fHz/12)) -1
For sample rates (SR) = 11.025/22.05/44.4/88.2 kHz,
FREQ = (2^16 * (fHz/11.025)) -1
The SWGs have a programmable gain that can be set in 3 dB steps from 0 dB to 45 dB using the GAIN register
field. The gain setting applies equally to both SWGs.
The beep generator generates beeps that can be a single tone from either SWG (register SWG_SEL = 1 or
SWG_SEL = 2), or a mix of two tones from the two SWGs (register SWG_SEL = 0 or SWG_SEL = 3). The beep
generator can also output standard DTMF keypad values (listed in Table 4) by asserting the DTMF_EN register
bit.
Output from the beep generator is mixed into the DAI to DAC path. This means that if the source path for DAC_L
or DAC_R is selected to be ADC_L or ADC_R (registers 0x2A[5:4] and 0x2A[1:0]), the beep generator is omitted
from the signal path.
Table 25: DTMF keypad frequencies
Frequency 1 (Hz)
Frequency 2 (Hz)
697
770
852
941
1209
1
2
3
A
1336
4
5
6
B
1477
7
8
9
C
1633
*
0
#
D
The beep tone On and Off periods are specified using the BEEP_ON_PER and BEEP_OFF_PER register fields.
Beep-On and Beep-Off periods can be configured in 10 ms steps from 10ms to 200 ms, and in 50 ms steps from
250 ms to 2000 ms. The Beep-On period can also be configured as continuous. The number of beep cycles is
configured using the BEEP_CYCLES register field.
The tone generator is started by asserting the START_STOPN register bit, and is halted by clearing it. If
START_STOPN is cleared, beep generation terminates on completion of the current beep-cycle, or at the next
zero-cross if in Continuous mode.
The START_STOPN register bit is cleared automatically once the programmed number of beeps has completed.
In Continuous-beep mode (BEEP_CYCLES = 6 or 7, or BEEP_ON_PER = 63), the tone generator is switched
off by clearing START_STOPN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com