Electronic Components Datasheet Search
  English  ▼

X  

DA7212 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # DA7212
Description  Ultra-Low Power Stereo Codec
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7212 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button DA7212 Datasheet HTML 45Page - Renesas Technology Corp DA7212 Datasheet HTML 46Page - Renesas Technology Corp DA7212 Datasheet HTML 47Page - Renesas Technology Corp DA7212 Datasheet HTML 48Page - Renesas Technology Corp DA7212 Datasheet HTML 49Page - Renesas Technology Corp DA7212 Datasheet HTML 50Page - Renesas Technology Corp DA7212 Datasheet HTML 51Page - Renesas Technology Corp DA7212 Datasheet HTML 52Page - Renesas Technology Corp DA7212 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 136 page
background image
Ultra-Low Power Stereo Codec
DA7212 Revision 3.6
Nov 1, 2024
CFR011-120-00
Page 49
13.22 DAC 5-Band Equalizer
To enable user controllable listening preferences, the digital playback path includes a programmable 5 band
equalizer that is enabled by control DAC_EQ_EN. A low pass filter, three band-pass filters and a high pass filter
with cut-off/centre frequencies at approximately 87 Hz, 132 Hz, 628 Hz, 2.6 kHz and 9.6 kHz (for FS=48 kHz)
offer boosting or damping of each frequency band in 1.5 dB steps from 10.5 to +12 dB. The gains of each band
can be individually configured using DAC_EQ_BAND1, DAC_EQ_BAND2, DAC_EQ_BAND3,
DAC_EQ_BAND4, DAC_EQ_BAND5 controls.
The 5-band equalizer cannot be used at 88.2 and 96 kHz sampling rate. For frequency responses see Table 32,
and Figure 15 to Figure 19.
Table 32: DAC 5-band equalizer turnover/centre frequencies
Sampling
frequency (kHz)
Centre/cut-off frequency of DAC 5-band equaliser (Hz)
Band 1
cut-off
(Note 16)
Band 2
cut-off
Band 3
cut-off
Band 4
cut-off
Band 5
cut-off
(Note 16)
8
21
85
563
1151
2909
11.025
29
117
776
2137
4009
12
31
128
845
2326
4364
16
41
90
441
2128
5840
22.05
56
124
607
2933
8048
24
61
135
664
3192
8759
32
58
95
418
1731
6374
44.1
80
132
577
2385
8784
48
87
143
628
2596
9560
88.2
N/A
N/A
N/A
N/A
N/A
96
N/A
N/A
N/A
N/A
N/A
Note 16 For equaliser bands 1 and 5, the cut-off frequency depends on the gain setting. The figures quoted in this table
refer to the
–1 dB point with the band gain set to –3 dB
Figure 15. Equaliser filter band 1 frequency response at FS = 48 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com