Electronic Components Datasheet Search
  English  ▼

X  

DA7212 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # DA7212
Description  Ultra-Low Power Stereo Codec
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7212 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button DA7212 Datasheet HTML 53Page - Renesas Technology Corp DA7212 Datasheet HTML 54Page - Renesas Technology Corp DA7212 Datasheet HTML 55Page - Renesas Technology Corp DA7212 Datasheet HTML 56Page - Renesas Technology Corp DA7212 Datasheet HTML 57Page - Renesas Technology Corp DA7212 Datasheet HTML 58Page - Renesas Technology Corp DA7212 Datasheet HTML 59Page - Renesas Technology Corp DA7212 Datasheet HTML 60Page - Renesas Technology Corp DA7212 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 136 page
background image
Ultra-Low Power Stereo Codec
DA7212 Revision 3.6
Nov 1, 2024
CFR011-120-00
Page 57
13.27 SRM PLL Mode (DAI Slave)
SRM mode enables the PLL output clock to be synchronized to the incoming WCLK signal on the DAI. The SRM
PLL mode is enabled by setting the PLL as for normal PLL mode and asserting register bit PLL_SRM_EN.
Register bit SRM_LOCK indicates whether or not the SRM has achieved synchronisation with WCLK.
When using the digital audio interface in Slave mode with the SRM enabled, removing and re-applying the DAI
interface word clock WCLK may cause the PLL lock to be lost. To re-lock the PLL it is recommended that you
disable the SRM (PLL_SRM_EN = 0), reset the PLL by re-writing to register PLL_INTEGER, and then re-enable
the SRM (PLL_SRM_EN = 1) after the DAI WCLK is reapplied.
When switching sample rates between 44.1 kHz and 48 kHz (or between the multiples of these sample rates),
SRM must be disabled and then re enabled using register bit PLL_SRM_EN.
13.28 32 kHz PLL Mode (DAI Master)
32 kHz mode enables the PLL output clock to be synchronized to a 32.768 kHz clock signal on the MCLK pin.
32 kHz PLL mode is selected by enabling the PLL and asserting both PLL_SRM_EN and PLL_32K_MODE.
Register bit PLL_SRM_LOCK indicates whether or not the SRM has achieved synchronization with MCLK.
13.29 Operating with a 2 MHz to 5 MHz MCLK
When using the PLL with a 2 MHz-5 MHz MCLK, you must follow the procedure below to setup the PLL in the
correct mode.
Setup PLL and clocking
Write F0 = 8b
Write F2 = 03
Write F0 = 00
When returning from this mode to a mode with an MCLK >5 MHz, you must follow the procedure below.
Write F0 = 8b
Write F2 = 01
Write F0 = 00
Setup PLL and clocking
13.30 Mixed Sample Rates
In DA7212 there is only one Sample Rate register and therefore, by default, this controls the sample rate of both
the ADC and the DAC.
Some applications require the ADC and the DAC to run at different sample rates. A special mode (24-48 Mode)
is available by asserting 24_48_MODE at register address 0x84[0]. Asserting this bit sets the ADC to run at
24 kHz and the DAC to run at 48 kHz. In this mode all the functionality of the ADC and the DAC is available. The
DAI will continue to run at 48 kHz, and every ADC sample will be repeated across two WCLK frames.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com