Electronic Components Datasheet Search
  English  ▼

X  

DA7212 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # DA7212
Description  Ultra-Low Power Stereo Codec
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7212 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button DA7212 Datasheet HTML 35Page - Renesas Technology Corp DA7212 Datasheet HTML 36Page - Renesas Technology Corp DA7212 Datasheet HTML 37Page - Renesas Technology Corp DA7212 Datasheet HTML 38Page - Renesas Technology Corp DA7212 Datasheet HTML 39Page - Renesas Technology Corp DA7212 Datasheet HTML 40Page - Renesas Technology Corp DA7212 Datasheet HTML 41Page - Renesas Technology Corp DA7212 Datasheet HTML 42Page - Renesas Technology Corp DA7212 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 136 page
background image
Ultra-Low Power Stereo Codec
DA7212 Revision 3.6
Nov 1, 2024
CFR011-120-00
Page 39
13.12 Output Mixer
For playback, the output mixer amplifier is enabled using MIXOUT_L_AMP_EN and MIXOUT_R_AMP_EN. The
audio signal can be mixed from all sources and can be output simultaneously to both headphones and speakers.
The mixing takes place only after asserting the control MIXOUT_L_MIX_EN and MIXOUT_R_MIX_EN.
The output mixer is configured using register MIXOUT_L_SELECT and MIXOUT_R_SELECT. This output-mixer
control is independent of the input path, so recording of one audio signal while listening to another signal such as
FM Radio or an MP3 file is possible. The playback sound can be mixed with background signals or with inverted
background microphone signals (side tone) to enable a basic headphone environmental noise reduction, or to
compensate for unwanted damping of environmental sound while listening with sealed headphones. Playback
signals coming from the AUX or microphone input channels can be individually inverted before being mixed out
to the left and right channel (see MIXOUT_L_SELECT and MIXOUT_R_SELECT registers).
A stereo to mono conversion can be implemented by using either the input or the output mixer. This allows direct
feeding of high power speaker amplifiers and other mono devices with the complete audio content.
13.13 Headphone Amplifier
The headphone Class G amplifiers offer 'true ground' technology, which allows cost and space optimisation by
removing the need for bulky headphone-coupling capacitors. This also enhances the bass performance, which is
typically reduced by conventional AC-co
upling. In comparison to alternative approaches like ‘phantom ground’,
‘true ground’ technology generates real ground-centred output signals, which provide common GND as required
for Mini-USB connectors and CEA 936 A-compliant interfaces. An embedded offset compensation circuit
suppresses click and pop noise during start-up and dynamic supply voltage adjustments.
Integrated short circuit protection enables a ‘resistors free’ connection to a standard audio jack, to achieve a
maximum output power of up to 67 mW per channel (referenced to VDD_A). Headphone load impedance is
typically 16
Ω, but the paths can also be used as volume controlled lineout signals for external speaker amplifiers
and audio devices. The headphone Class G amplifiers are supplied from the positive VDD_A rail via a capacitive
charge pump that generates the negative rail required for "True ground" mode. For improved power efficiency,
the headphone headphone supply voltage levels are dynamically adjusted between ± VDD_A and ± VDD_A/2 to
match the levels of the left and right headphone signals.
The headphone amplifiers are enabled with controls HP_L_AMP_EN and HP_R_AMP_EN. For optimum pop
and click performance when switching the amplifier On and Off, the headphone amplifier provides a High
impedance mode that can be enabled via HP_L_AMP_OE / HP_R_AMP_OE.
Balance is controlled by programming the left and right gains separately. The gain of each headphone channel
can be programmed independently in steps of 1.0 dB from +6 dB down to
–57 dB using controls
HP_L_AMP_GAIN / HP_R_AMP_GAIN.
Settings such as mute, gain changes at signal zero cross (for smooth volume changes), and the ramping of gain
changes are controlled using the dedicated HP_L_CTRL and HP_R_CTRL registers. If the ramping is enabled
using the control bits HP_L_AMP_RAMP_EN and HP_R_AMP_RAMP_EN, the rate of the ramping is controlled
using GAIN_RAMP_RATE.
For smooth volume changes, the gain update can be synchronised to audio signal zero-crossings using
HP_L_AMP_ZC_EN and HP_R_AMP_ZC_EN. If no zero crossing is detected within approximately 85 ms, the
gain change is applied unconditionally. The left and right channels are synchronised independently.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com