Electronic Components Datasheet Search
  English  ▼

X  

DA7212 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # DA7212
Description  Ultra-Low Power Stereo Codec
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7212 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button DA7212 Datasheet HTML 7Page - Renesas Technology Corp DA7212 Datasheet HTML 8Page - Renesas Technology Corp DA7212 Datasheet HTML 9Page - Renesas Technology Corp DA7212 Datasheet HTML 10Page - Renesas Technology Corp DA7212 Datasheet HTML 11Page - Renesas Technology Corp DA7212 Datasheet HTML 12Page - Renesas Technology Corp DA7212 Datasheet HTML 13Page - Renesas Technology Corp DA7212 Datasheet HTML 14Page - Renesas Technology Corp DA7212 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 136 page
background image
Ultra-Low Power Stereo Codec
DA7212 Revision 3.6
Nov 1, 2024
CFR011-120-00
Page 11
4.
Absolute Maximum Ratings
Table 3: Absolute maximum ratings
Parameter
Description
Conditions (
Note 1)
Min
Max
Unit
Storage temperature
-65
+165
°C
Ta
Operating temperature
-40
+85
°C
VDD_SP
Supply voltages
-0.3
6.0
V
VDD_A
-0.3
2.75
V
VDD_IO
VDD_MIC
-0.3
5.5
V
SDA
SCL
BCLK
WCLK
DATIN
DATOUT
Digital interface signals
-0.3
VDD_IO +
0.3
V
Package thermal resistance
60
°C/W
ESD susceptibility
Human body model
2
kV
Note 1
Stre
sses beyond those listed under ‘Absolute maximum ratings’ may cause permanent damage to the device.
These are stress ratings only, so functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specification are not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com