Electronic Components Datasheet Search
  English  ▼

X  

DA7212 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # DA7212
Description  Ultra-Low Power Stereo Codec
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7212 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button DA7212 Datasheet HTML 9Page - Renesas Technology Corp DA7212 Datasheet HTML 10Page - Renesas Technology Corp DA7212 Datasheet HTML 11Page - Renesas Technology Corp DA7212 Datasheet HTML 12Page - Renesas Technology Corp DA7212 Datasheet HTML 13Page - Renesas Technology Corp DA7212 Datasheet HTML 14Page - Renesas Technology Corp DA7212 Datasheet HTML 15Page - Renesas Technology Corp DA7212 Datasheet HTML 16Page - Renesas Technology Corp DA7212 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 136 page
background image
Ultra-Low Power Stereo Codec
DA7212 Revision 3.6
Nov 1, 2024
CFR011-120-00
Page 13
6.
Electrical Characteristics
Table 5: Power consumption
Description
Conditions (
Note 3)
Typ
Unit
Powerdown mode
5
µA
Digital playback to Lineout
DAC_L/R to LINE, 10
kΩ load
2.2
mW
Digital playback to Headphone, no
load
DAC_L/R to HP_L/R, quiescent
3.1
mW
Digital playback to Headphone,
with load
DAC_L/R to HP_L/R, 16
Ω load, 0.1 mW at 0 dBFS
6.9
mW
Analogue bypass to Lineout
AUX_L/R to LINE, 10
kΩ load
2.0
mW
Analogue bypass to Headphone,
no load
AUX_L/R to HP_L/R, quiescent
2.6
mW
Analogue bypass to Headphone,
with load
AUX_L/R to HP_L/R, 16
Ω load, 0.1 mW at 0 dBFS
6.7
mW
Microphone stereo record
MIC_1/2 to ADC_L/R
2.1
mW
Microphone stereo record and
digital playback to Headphone, no
load
MIC_1/2 to ADC_L/R and
DAC_L/R to HP_L/R, quiescent
4.8
mW
Microphone stereo record and
digital playback to Headphone,
with load
MIC_1/2 to ADC_L/R and
DAC_L/R to HP_L/R, 16
Ω load,
0.1 mW at 0 dBFS
8.9
mW
Ultra-low power microphone mono
record
MIC_1 to ADC_R, 8 kHz, quiescent, optimised
clocking and bias
0.65
mW
Note 3
VDD_A=VDD_SP=VDD_IO=1.8 V, Ta=25°C, Fs=48 kHz, Charge pump signal-size mode, 0x95 = 0x06.
Table 6: Reference voltage generation
Parameter
Description
Conditions
Min
Typ
Max
Unit
VMID
Audio mid-rail voltage
0.45 × VDD_A
V
CVMID
VMID decoupling capacitor
1.0
µF
DACREF
Audio DAC/ADC reference
voltage
0.9 × VDD_A
V
CDACREF
DACREF decoupling
capacitor
1.0
µF
VBG
Bandgap voltage
1.2
V
CVBG
Bandgap decoupling
capacitor
1.0
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com