Electronic Components Datasheet Search
  English  ▼

X  

DA7212 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # DA7212
Description  Ultra-Low Power Stereo Codec
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7212 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button DA7212 Datasheet HTML 36Page - Renesas Technology Corp DA7212 Datasheet HTML 37Page - Renesas Technology Corp DA7212 Datasheet HTML 38Page - Renesas Technology Corp DA7212 Datasheet HTML 39Page - Renesas Technology Corp DA7212 Datasheet HTML 40Page - Renesas Technology Corp DA7212 Datasheet HTML 41Page - Renesas Technology Corp DA7212 Datasheet HTML 42Page - Renesas Technology Corp DA7212 Datasheet HTML 43Page - Renesas Technology Corp DA7212 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 136 page
background image
Ultra-Low Power Stereo Codec
DA7212 Revision 3.6
Nov 1, 2024
CFR011-120-00
Page 40
13.14 Speaker Amplifier
T
he differential lineout channel can be used to directly drive mini speakers with a nominal impedance ≥ 8 Ω. For
highest efficiency and speaker output power, a direct supply from the battery is supported via a separate supply
pin. This amplifier offers individually programmable volume control in 1.0 dB steps from +15 dB to 48 dB using
LINE_AMP_GAIN.
On the dedicated LINE_CTRL register, settings such as mute, Tri-state output mode and ramping of gain
changes can be configured. If ramping is enabled via control bit LINE_AMP_RAMP_EN, the rate of the ramping
can be configured on GAIN_RAMP_RATE.
The differential speaker amplifier can be used to drive mini-speakers with an impedance of 8
Ω or higher. A
direct supply from the battery is provided by the VDD_SP pin. This allows maximum speaker power and a wide
operating range from 5.0 V down to 1.0 V.
The mono lineout/speaker amplifier is enabled by asserting LINE_AMP_EN. Gain can be set in the range -48 dB
to +15 dB in 1 dB steps using the LINE_AMP_GAIN control. The speaker amplifier can be muted by asserting
LINE_AMP_MUTE_EN.
Smooth updates to line/speaker amplifer gain can be made by asserting LINE_AMP_RAMP_EN. When
LINE_AMP_RAMP_EN is asserted, gain updates are made by ramping sequentially through all intermediate
gain values.
If the speaker output is not used, then VDD_SP can be left unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com