Electronic Components Datasheet Search
  English  ▼

X  

DA7212 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # DA7212
Description  Ultra-Low Power Stereo Codec
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7212 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button DA7212 Datasheet HTML 11Page - Renesas Technology Corp DA7212 Datasheet HTML 12Page - Renesas Technology Corp DA7212 Datasheet HTML 13Page - Renesas Technology Corp DA7212 Datasheet HTML 14Page - Renesas Technology Corp DA7212 Datasheet HTML 15Page - Renesas Technology Corp DA7212 Datasheet HTML 16Page - Renesas Technology Corp DA7212 Datasheet HTML 17Page - Renesas Technology Corp DA7212 Datasheet HTML 18Page - Renesas Technology Corp DA7212 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 136 page
background image
Ultra-Low Power Stereo Codec
DA7212 Revision 3.6
Nov 1, 2024
CFR011-120-00
Page 15
Table 9: Input mixing units
(MIC1_P/MIC1_N/MIC2_P/MIC2_N/AUX_L/AUX_R ) to ADC_L/ADC_R
Parameter
Description
Conditions
Min
Typ
Max
Unit
VMAX
Full-scale input signal
Single-ended
Differential
MIC_1/2_AMP =
AUX_L/R_AMP =
MIXIN_L/R = 0 dB
0.8 × VDD_A
1.6 × VDD_A
VPP
RIN
Input resistance
MIC, single-ended
AUX
12
6
15
18
40
kΩ
CIN
Input capacitance
1
pF
Amplitude ripple
20 Hz to 20 kHz
-0.5
+0.5
dB
Programmable gain
MIC_1_AMP and
MIC_2_AMP
AUX_L_AMP and
AUX_R_AMP
MIXIN_L and MIXIN_R
-6
-54
-4.5
36
15
18
dB
Programmable gain step size
MIC_1_AMP and
MIC_2_AMP
AUX_L_AMP and
AUX_R_AMP
MIXIN_L and MIXIN_R
6
1.5
1.5
dB
Absolute gain accuracy
0 dB @ 1 kHz
-1.0
+1.0
dB
Left/Right gain mismatch
20 Hz to 20 kHz
-0.1
+0.1
dB
Gain step error
20 Hz to 20 kHz
-0.1
+0.1
dB
Input noise level
Inputs connected to GND,
A-weighted, input-referred,
measured @ ADC output
MIC_1/2_AMP = 24 dB
AUX_L/R_AMP = 15 dB
5
6.5
µVRMS
PSRR with
respect to
VDD_A
Power supply rejection ratio
Single-ended input
20 Hz to 2 kHz
20 kHz
70
50
dB
Differential input
20 Hz
– 2 kHz
2 kHz
– 20 kHz
90
70
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com