Electronic Components Datasheet Search
  English  ▼

X  

DA7212 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # DA7212
Description  Ultra-Low Power Stereo Codec
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7212 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button DA7212 Datasheet HTML 93Page - Renesas Technology Corp DA7212 Datasheet HTML 94Page - Renesas Technology Corp DA7212 Datasheet HTML 95Page - Renesas Technology Corp DA7212 Datasheet HTML 96Page - Renesas Technology Corp DA7212 Datasheet HTML 97Page - Renesas Technology Corp DA7212 Datasheet HTML 98Page - Renesas Technology Corp DA7212 Datasheet HTML 99Page - Renesas Technology Corp DA7212 Datasheet HTML 100Page - Renesas Technology Corp DA7212 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 136 page
background image
Ultra-Low Power Stereo Codec
DA7212 Revision 3.6
Nov 1, 2024
CFR011-120-00
Page 97
Register
address
Bit
Type
Label
Default
Description
0x4A
LINE_GAIN
7:6
R/W
(reserved)
00
5:0
R/W
LINE_AMP_GAIN
110000
LINE amplifier gain (1 dB step)
000000 = -48 dB
000001 = -47 dB
continuing in +1 dB steps to
111110 = 14 dB
111111 = 15 dB
Note: 110000 = 0 dB (default)
Register
address
Bit
Type
Label
Default
Description
0x4B
MIXOUT_L_SELECT
7
R/W
(reserved)
0
6
R/W
MIXIN_R_INV
0
MIXIN R Inverted control
0 = Inverted MIXIN R not selected
1 = Inverted MIXIN R selected
5
R/W
MIXIN_L_INV
0
MIXIN L Inverted control
0 = Inverted MIXIN L not selected
1 = Inverted MIXIN L selected
4
R/W
AUX_L_INV
0
AUX L Inverted control
0 = Inverted AUX_L not selected
1 = Inverted AUX_Lselected
3
R/W
DAC_L
0
DAC L control
0 = DAC_L not selected
1 = DAC_L selected
2
R/W
MIXIN_R
0
MIXIN R control
0 = MIXIN_R not selected
1 = MIXIN_R selected
1
R/W
MIXIN_L
0
MIXIN L control
0 = MIXIN_L not selected
1 = MIXIN_Lselected
0
R/W
AUX_L
0
AUX_L control
0 = AUX_L not selected
1 = AUX_L selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com