Electronic Components Datasheet Search
  English  ▼

X  

LXT9782 Datasheet(PDF) 71 Page - Intel Corporation

Part # LXT9782
Description  Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9782 Datasheet(HTML) 71 Page - Intel Corporation

Back Button LXT9782 Datasheet HTML 67Page - Intel Corporation LXT9782 Datasheet HTML 68Page - Intel Corporation LXT9782 Datasheet HTML 69Page - Intel Corporation LXT9782 Datasheet HTML 70Page - Intel Corporation LXT9782 Datasheet HTML 71Page - Intel Corporation LXT9782 Datasheet HTML 72Page - Intel Corporation LXT9782 Datasheet HTML 73Page - Intel Corporation LXT9782 Datasheet HTML 74Page - Intel Corporation LXT9782 Datasheet HTML 75Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 78 page
background image
Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII — LXT9762/9782
Datasheet
71
Note:
Registers 9, 10 and 15 are not implemented.
These registers only apply to 100BASE-T2 and 1000BASE-T, neither of which are supported by
this device.
Table 45. Auto-Negotiation Next Page Transmit Register (Address 7)
Bit
Name
Description
Type 1
Default
7.15
Next Page
(NP)
1 = Additional next pages follow
0 = Last page
R/W
0
7.14
Reserved
Write as 0, ignore on read
RO
0
7.13
Message Page
(MP)
1 = Message page
0 = Unformatted page
R/W
1
7.12
Acknowledge 2
(ACK2)
1 = Will comply with message.
0 = Can not comply with message.
R/W
0
7.11
Toggle
(T)
1 = Previous value of the transmitted Link Code Word equalled logic
zero.
0 = Previous value of the transmitted Link Code Word equalled logic
one.
R/W
0
7.10:0
Message/
Unformatted Code
Field
R/W
00000000
001
1. R/W = Read/Write
RO = Read Only
Table 46. Auto-Negotiation Link Partner Next Page Receive Register (Address 8)
Bit
Name
Description
Type 1
Default
8.15
Next Page
(NP)
1 = Link Partner has additional next pages to send.
0 = Link Partner has no additional next pages to send.
RO
0
8.14
Acknowledge
(ACK)
1 = Link Partner has received Link Code Word from LXT97x2.
0 = Link Partner has not received Link Code Word from LXT97x2.
RO
0
8.13
Message Page
(MP)
1 = Page sent by the Link Partner is a Message Page.
0 = Page sent by the Link Partner is an Unformatted Page.
RO
0
8.12
Acknowledge 2
(ACK2)
1 = Link Partner will comply with the message.
0 = Link Partner can not comply with the message.
RO
0
8.11
Toggle
(T)
1 = Previous value of the transmitted Link Code Word equalled logic
zero.
0 = Previous value of the transmitted Link Code Word equalled logic
one.
RO
0
8.10:0
Message/
Unformatted Code
Field
RO
0
1. RO = Read Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com