Electronic Components Datasheet Search
  English  ▼

X  

LXT9782 Datasheet(PDF) 23 Page - Intel Corporation

Part # LXT9782
Description  Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9782 Datasheet(HTML) 23 Page - Intel Corporation

Back Button LXT9782 Datasheet HTML 19Page - Intel Corporation LXT9782 Datasheet HTML 20Page - Intel Corporation LXT9782 Datasheet HTML 21Page - Intel Corporation LXT9782 Datasheet HTML 22Page - Intel Corporation LXT9782 Datasheet HTML 23Page - Intel Corporation LXT9782 Datasheet HTML 24Page - Intel Corporation LXT9782 Datasheet HTML 25Page - Intel Corporation LXT9782 Datasheet HTML 26Page - Intel Corporation LXT9782 Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 78 page
background image
Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII — LXT9762/9782
Datasheet
23
MII Addressing
The protocol allows one controller to communicate with multiple LXT97x2 chips. Pins
ADD_<4:0> determine the base address. Each port adds its port number (0 through n) to the base
address to obtain its port address as shown in Figure 6.
Figure 6. Port Address Scheme
Figure 7. Management Interface Read Frame Structure
BASE ADDR
(ex. ADDR=4)
PHY ADDR (BASE+0)
PHY ADDR (BASE+1)
PHY ADDR (BASE+2)
PHY ADDR (BASE+3)
PHY ADDR (BASE+4)
PHY ADDR (BASE+5)
ex. 4
ex. 5
ex. 6
ex. 7
ex. 8
ex. 9
LXT9782
Port 0
Port 1
Port 2
Port 3
Port 4
Port 5
PHY ADDR (BASE+6)
PHY ADDR (BASE+7)
ex. 10
ex. 11
Port 6
Port 7
1. Ports 6 and 7 not available on the LXT9762.
MDC
MDIO
(Read)
32 "1"s
01
10
Preamble
ST
Op Code
PHY Address
Turn
Around
Z0
A4
A3
A0
R4
R3
R0
Register Address
D15
D14
D1
Data
Write
Read
D15
D14
D1
D0
Idle
High Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com