Electronic Components Datasheet Search
  English  ▼

X  

LXT9782 Datasheet(PDF) 53 Page - Intel Corporation

Part # LXT9782
Description  Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9782 Datasheet(HTML) 53 Page - Intel Corporation

Back Button LXT9782 Datasheet HTML 49Page - Intel Corporation LXT9782 Datasheet HTML 50Page - Intel Corporation LXT9782 Datasheet HTML 51Page - Intel Corporation LXT9782 Datasheet HTML 52Page - Intel Corporation LXT9782 Datasheet HTML 53Page - Intel Corporation LXT9782 Datasheet HTML 54Page - Intel Corporation LXT9782 Datasheet HTML 55Page - Intel Corporation LXT9782 Datasheet HTML 56Page - Intel Corporation LXT9782 Datasheet HTML 57Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 78 page
background image
Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII — LXT9762/9782
Datasheet
53
4.0
Test Specifications
Table 17 through Table 34 and Figure 28 through Figure 39 represent the target specifications of
the LXT97x2. These specifications are guaranteed by test, except where noted “by design.”
Minimum and maximum values listed in Table 19 through Table 34 apply over the recommended
operating conditions specified in Table 18.
Table 17. Absolute Maximum Ratings
Parameter
Sym
Min
Max
Units
Supply voltage
VCC
-0.3
4.0
V
Operating temperature
Ambient
TOPA
-15
+85
ºC
Case
TOPC
–
+120
ºC
Storage temperature
TST
-65
+150
ºC
Caution:
Exceeding these values may cause permanent damage.
Functional operation under these conditions is not implied.
Exposure to maximum rating conditions for extended periods may affect device reliability.
Table 18. Operating Conditions
Parameter
Sym
Min
Typ
1
Max
Units
Recommended operating temperature
Ambient
TOPA
0
–
70
ºC
Case4
TOPC
0
–
122
ºC
Recommended supply voltage2
Analog & Digital
Vcca, Vccd
3.15
3.3
3.45
V
I/O
Vccio
3.15
–
3.45
V
VCC current
100BASE-TX
ICC
–
121
140
mA
100BASE-FX
ICC
––
140
mA
10BASE-T
ICC
––
–
mA
Power Down Mode
ICC
––
–
mA
Auto-Negotiation
ICC
–
114.53
–
mA
1. Typical values are at 25 °C and are for design aid only; not guaranteed and not subject to production testing.
2. Voltages with respect to ground unless otherwise specified.
3. Per port @ 3.3V.
4. Environmental Condition - Natural convection (still air). Topc should be measured in the worst case thermal condition
(chassis, application, environment). If the Topc is greater than 122C, Air Flow (‘100 LFM) or heat sink (Attach: Thermoset
WP100 tape, 1”x1” square with a 0.75” diameter phase-change dot. Heat Sink: Thermally 31x31 mm-sq low profile, P/N
22370B must be added. Alternate thermal solutions may be used and/or required depending on specific system conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com