Electronic Components Datasheet Search
  English  ▼

X  

LXT9782 Datasheet(PDF) 30 Page - Intel Corporation

Part # LXT9782
Description  Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9782 Datasheet(HTML) 30 Page - Intel Corporation

Back Button LXT9782 Datasheet HTML 26Page - Intel Corporation LXT9782 Datasheet HTML 27Page - Intel Corporation LXT9782 Datasheet HTML 28Page - Intel Corporation LXT9782 Datasheet HTML 29Page - Intel Corporation LXT9782 Datasheet HTML 30Page - Intel Corporation LXT9782 Datasheet HTML 31Page - Intel Corporation LXT9782 Datasheet HTML 32Page - Intel Corporation LXT9782 Datasheet HTML 33Page - Intel Corporation LXT9782 Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 78 page
background image
LXT9762/9782 — Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
30
Datasheet
• Allows a multi-port MAC/PHY communication with one system clock.
• Operates in both half and full duplex.
• Supports per-packet switching between 10 Mbps and 100 Mbps data rates.
The Serial MII operates at 125 MHz using a global reference clock and frame synchronization
signal (REFCLK and SYNC). Each port has an individual two-line data interface (TXDn and
RXDn). All signals are synchronous to REFCLK. Figure 13 is a simple SMII block diagram and
Table 10 summarizes the SMII signals.
Data is exchanged in 10-bit serial words. Each word contains one data byte (two nibbles of 4B
coded data) and two status bits. When the port is operating at 100 Mbps, each word contains a new
data byte. When the port is operating at 10 Mbps, each data byte is repeated 10 times.
Table 10. SMII Signal Summary
Signal
To
From
Purpose
TXD
PHY
MAC
Receive data & control
RXD
MAC
PHY
Transmit data & control
SYNC
PHY
MAC
Synchronization
REFCLK
MAC &
PHY
System
Synchronization
1. Refer to Table 1 on page 13 for detailed signal descriptions.
Figure 13. Simplified SMII Application Diagram
16 Port MAC
Clock
LXT9782
LXT9782
8
8
8
8
TX
RX
SYNC
TX
RX
SYNC
CLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com