Electronic Components Datasheet Search
  English  ▼

X  

LXT9782 Datasheet(PDF) 63 Page - Intel Corporation

Part # LXT9782
Description  Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9782 Datasheet(HTML) 63 Page - Intel Corporation

Back Button LXT9782 Datasheet HTML 59Page - Intel Corporation LXT9782 Datasheet HTML 60Page - Intel Corporation LXT9782 Datasheet HTML 61Page - Intel Corporation LXT9782 Datasheet HTML 62Page - Intel Corporation LXT9782 Datasheet HTML 63Page - Intel Corporation LXT9782 Datasheet HTML 64Page - Intel Corporation LXT9782 Datasheet HTML 65Page - Intel Corporation LXT9782 Datasheet HTML 66Page - Intel Corporation LXT9782 Datasheet HTML 67Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 78 page
background image
Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII — LXT9762/9782
Datasheet
63
5.0
Register Definitions
The LXT97x2 register set includes multiple 16-bit registers, 16 registers per port. Table 36 presents
a complete register listing. Table 37 is a complete memory map of all registers and Table 38
through Table 53 provide individual register definitions.
• Base registers (0 through 8) are defined in accordance with the “Reconciliation Sublayer and
Media Independent Interface” and “Physical Layer Link Signaling for 10/100 Mbps Auto-
Negotiation” sections of the IEEE 802.3 specification.
• Additional registers (16 through 22) are defined in accordance with the IEEE 802.3
specification for adding unique chip functions.
Table 36. Register Set
Address
Register Name
Bit Assignments
0
Control Register
Refer to Table 38 on page 66
1
Status Register
Refer to Table 39 on page 66
2
PHY Identification Register 1
Refer to Table 40 on page 67
3
PHY Identification Register 2
Refer to Table 41 on page 68
4
Auto-Negotiation Advertisement Register
Refer to Table 42 on page 68
5
Auto-Negotiation Link Partner Base Page Ability Register
Refer to Table 43 on page 69
6
Auto-Negotiation Expansion Register
Refer to Table 44 on page 70
7
Auto-Negotiation Next Page Transmit Register
Refer to Table 45 on page 71
8
Auto-Negotiation Link Partner Next Page Receive Register
Refer to Table 46 on page 71
9
1000BASE-T/100BASE-T2 Control Register
Not Implemented
10
1000BASE-T/100BASE-T2 Status Register
Not Implemented
15
Extended Status Register
Not Implemented
16
Port Configuration Register
Refer to Table 47 on page 72
17
Quick Status Register
Refer to Table 48 on page 72
18
Interrupt Enable Register
Refer to Table 49 on page 73
19
Interrupt Status Register
Refer to Table 50 on page 74
20
LED Configuration Register
Refer to Table 51 on page 75
21-27
Reserved
28
Transmit Control Register #1
Refer to Table 52 on page 76
29
Reserved
30
Transmit Control Register #2
Refer to Table 53 on page 76
31
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com