Electronic Components Datasheet Search
  English  ▼

X  

LXT9782 Datasheet(PDF) 47 Page - Intel Corporation

Part # LXT9782
Description  Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9782 Datasheet(HTML) 47 Page - Intel Corporation

Back Button LXT9782 Datasheet HTML 43Page - Intel Corporation LXT9782 Datasheet HTML 44Page - Intel Corporation LXT9782 Datasheet HTML 45Page - Intel Corporation LXT9782 Datasheet HTML 46Page - Intel Corporation LXT9782 Datasheet HTML 47Page - Intel Corporation LXT9782 Datasheet HTML 48Page - Intel Corporation LXT9782 Datasheet HTML 49Page - Intel Corporation LXT9782 Datasheet HTML 50Page - Intel Corporation LXT9782 Datasheet HTML 51Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 78 page
background image
Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII — LXT9762/9782
Datasheet
47
Intel recommends dividing the VCC plane into two sections. The digital section supplies power to
the VCCD and VCCIO pins of the LXT97x2. The analog section supplies power to the VCCA
pins. The break between the two planes should run underneath the device. In designs with more
than one LXT97x2, a single continuous analog VCC plane can be used to supply them all.
The digital and analog VCC planes should be joined at one or more points by ferrite beads. The
beads should produce at least a 100
Ω impedance at 100 MHz. Beads should be placed so that
current flow is evenly distributed. The maximum current rating of the beads should be at least
150% of the current that is actually expected to flow through them. A bulk cap (2.2 -10
µF) should
be place on each side of each bead.
In addition, a high-frequency bypass cap (.01
µF) should be placed near each analog VCC pin.
3.1.3
Power and Ground Plane Layout Considerations
Take great care when laying out the power and ground planes. The following guidelines are
recommended:
• Follow the guidelines in the LXT97x2 Design & Layout Guide for locating the split between
the digital and analog VCC planes.
• Keep the digital VCC plane away from the TPFOP/N and TPFIP/N signals, away from the
magnetics, and away from the RJ-45 connectors.
• Place the layers so that the TPFOP/N and TPFIP/N signals can be routed near or next to the
ground plane. For EMI reasons, it is more important to shield TPFOP/N than TPFIP/N.
3.1.3.1
Chassis Ground
For ESD reasons, it is a good design practice to create a separate chassis ground that encircles the
board and is isolated via moats and keep-out areas from all circuit-ground planes and active
signals. Chassis ground should extend from the RJ45 connectors to the magnetics, and can be used
to terminate unused signal pairs (‘Bob Smith’ termination). In single-point grounding applications,
provide a single connection between chassis and circuit grounds with a 2 kV isolation capacitor. In
multi-point grounding schemes (chassis and circuit grounds joined at multiple points), provide 2
kV isolation to the Bob Smith termination.
3.1.4
MII Terminations
Series termination resistors are not required on the SMII signals driven by the LXT97x2.
3.1.5
The RBIAS Pin
The LXT97x2 requires a 22.1 k
Ω, 1% resistor directly connected between the RBIAS pin and
ground. Place the RBIAS resistor as close to the RBIAS pin as possible. Run an etch directly from
the pin to the resistor, and sink the other side of the resistor to a filtered ground. Surround the
RBIAS trace with a filtered ground; do not run high-speed signals next to RBIAS.
3.1.6
The Twisted-Pair Interface
Follow standard guidelines for a twisted-pair interface:
• Keep transmit pair traces as short as possible; both traces should have the same length.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com