Electronic Components Datasheet Search
  English  ▼

X  

LXT9782 Datasheet(PDF) 46 Page - Intel Corporation

Part # LXT9782
Description  Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9782 Datasheet(HTML) 46 Page - Intel Corporation

Back Button LXT9782 Datasheet HTML 42Page - Intel Corporation LXT9782 Datasheet HTML 43Page - Intel Corporation LXT9782 Datasheet HTML 44Page - Intel Corporation LXT9782 Datasheet HTML 45Page - Intel Corporation LXT9782 Datasheet HTML 46Page - Intel Corporation LXT9782 Datasheet HTML 47Page - Intel Corporation LXT9782 Datasheet HTML 48Page - Intel Corporation LXT9782 Datasheet HTML 49Page - Intel Corporation LXT9782 Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 78 page
background image
LXT9762/9782 — Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
46
Datasheet
3.0
Application Information
3.1
Design Recommendations
The LXT97x2 complies with IEEE requirements and provides outstanding receive Bit Error Rate
(BER) and long-line-length performance. Obtaining maximum performance from the LXT97x2
requires attention to detail and good design practices. Refer to the LXT97x2 Design and Layout
Guide for detailed design and layout information.
3.1.1
General Design Guidelines
Adhering to generally accepted design practices minimizes noise levels on power and ground
planes. Up to 50 mV of noise is considered acceptable. 50 to 80 mV of noise is considered
marginal. High-frequency switching noise can be reduced, and its effects can be eliminated, by
following these simple guidelines throughout the design:
• Fill in unused areas of the signal planes with solid copper and attach them with vias to a VCC
or ground plane that is not located adjacent to the signal layer.
• Use ample bulk and decoupling capacitors throughout the design (a value of .01
µF is
recommended for decoupling caps).
• Provide ample power and ground planes.
• Provide termination on all high-speed switching signals and clock lines.
• Provide impedance matching on long traces to prevent reflections.
• Route high-speed signals next to a continuous, unbroken ground plane.
• Filter and shield DC-DC converters, oscillators, etc.
• Do not route any digital signals between the LXT97x2 and the RJ-45 connectors at the edge of
the board.
• Do not extend any circuit power and ground plane past the center of the magnetics or to the
edge of the board. Use this area for chassis ground, or leave it void.
3.1.2
Power Supply Filtering
Power supply ripple and digital switching noise on the VCC plane can cause EMI problems and
degrade line performance. Minimize ground noise as much as possible using good general
techniques and by filtering the VCC plane. Predicting the noise performance of any design is
difficult, although certain factors greatly increase the risk of noise problems:
• Poorly-regulated or over-burdened power supplies
• Wide data busses (32-bits+) running at a high clock rate
• DC-to-DC converters
Intel recommends filtering the power supply to the analog VCC pins of the LXT97x2. This has
two benefits. First, prevents digital switching noise from affecting the analog circuitry inside the
LXT97x2, which helps line performance. Second, if the VCC planes are laid out correctly, it keeps
digital switching noise away from external connectors, reducing EMI problems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com