Electronic Components Datasheet Search
  English  ▼

X  

LXT9782 Datasheet(PDF) 29 Page - Intel Corporation

Part # LXT9782
Description  Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9782 Datasheet(HTML) 29 Page - Intel Corporation

Back Button LXT9782 Datasheet HTML 25Page - Intel Corporation LXT9782 Datasheet HTML 26Page - Intel Corporation LXT9782 Datasheet HTML 27Page - Intel Corporation LXT9782 Datasheet HTML 28Page - Intel Corporation LXT9782 Datasheet HTML 29Page - Intel Corporation LXT9782 Datasheet HTML 30Page - Intel Corporation LXT9782 Datasheet HTML 31Page - Intel Corporation LXT9782 Datasheet HTML 32Page - Intel Corporation LXT9782 Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 78 page
background image
Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII — LXT9762/9782
Datasheet
29
2.5.1.3
Controlling Auto-Negotiation
When auto-negotiation is controlled by software, the following steps are recommended:
• After power-up, power-down, or reset, the power-down recovery time, as specified in Table 34
on page 62, must be exhausted before proceeding.
• Set the auto-negotiation advertisement register bits.
• Enable auto-negotiation (set MDIO bit 0.12 = 1).
Do not enable Auto-Negotiation if fiber mode is selected.
2.5.2
Parallel Detection
In parallel with auto-negotiation, the LXT97x2 also monitors for 10 Mbps Normal Link Pulses
(NLP) or 100 Mbps Idle symbols. If either is detected, the device automatically reverts to the
corresponding operating mode.
Parallel detection allows the LXT97x2 to communicate with
devices that do not support auto-negotiation.
2.6
Serial MII Operation
The LXT97x2 exchanges transmit and receive data with the controller via the Serial MII (SMII).
The SMII performs the following functions:
• Conveys complete MII information between a 10/100 PHY and MAC with two pins per port.
Figure 12. Link Establishment Process
Check Value
0.12
Start
Done
Enable
Auto-Neg/Parallel Detection
Go To Forced
Settings
Attempt Auto-
Negotiation
Listen for 10T
Link Pulses
Listen for 100TX
Idle Symbols
Link Set
NO
YES
Power-Up, Reset,
Link Failure
Disable
Auto-Negotiation
0.12 = 0
0.12 = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com