Electronic Components Datasheet Search
  English  ▼

X  

TPS61371 Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS61371
Description  TPS61371 16V, 3.8A Synchronous Boost With Load Disconnect
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS61371 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS61371 Datasheet HTML 12Page - Texas Instruments TPS61371 Datasheet HTML 13Page - Texas Instruments TPS61371 Datasheet HTML 14Page - Texas Instruments TPS61371 Datasheet HTML 15Page - Texas Instruments TPS61371 Datasheet HTML 16Page - Texas Instruments TPS61371 Datasheet HTML 17Page - Texas Instruments TPS61371 Datasheet HTML 18Page - Texas Instruments TPS61371 Datasheet HTML 19Page - Texas Instruments TPS61371 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
Target Address
S
R/W
A
Register Address
A
Data
A/A
P
1
7
1
1
8
1
1
1
8
From controller to target
From target to controller
A = Acknowledge (SDA low)
A = Not acknowledge (SDA high)
S = START condition
Sr = REPEATED START condition
P = STOP condition
"0" Write
Sr
Target Address
R/W
"1" Write
A
1
1
1
7
Figure 6-8. “Read” Data Transfer Format in Standard, Fast, and Fast-Plus Modes
6.5.4 I2C Target Address
6.5.4.1 I2C Target Address Description
By setting the ADDR pin to three different states: high, floating, or low, three I2C target addresses of the
TPS61371 can be configured: 0x72, 0x73 or 0x74. Table 6-2 shows the detailed ADDR pin states and the
corresponding I2C target address.
Table 6-2. I2C Target Addresses
ADDR PIN STATES
ADDR PIN VOLTAGE
I2C TARGET ADDRESS
High
1.2V to 5.5V
0x72
Floating
0x73
Low
GND to 0.4V
0x74
TPS61371
SLVSI31 – APRIL 2026
www.ti.com
16
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TPS61371



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com