Electronic Components Datasheet Search
  English  ▼

X  

TPS61371 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS61371
Description  TPS61371 16V, 3.8A Synchronous Boost With Load Disconnect
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS61371 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS61371 Datasheet HTML 2Page - Texas Instruments TPS61371 Datasheet HTML 3Page - Texas Instruments TPS61371 Datasheet HTML 4Page - Texas Instruments TPS61371 Datasheet HTML 5Page - Texas Instruments TPS61371 Datasheet HTML 6Page - Texas Instruments TPS61371 Datasheet HTML 7Page - Texas Instruments TPS61371 Datasheet HTML 8Page - Texas Instruments TPS61371 Datasheet HTML 9Page - Texas Instruments TPS61371 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
5.5 Electrical Characteristics (continued)
VIN = 2.7V to 5.5V and VOUT = 5V to 16V, TJ = -40°C to 125°C , Typical values are at TJ = 25°C, unless otherwise noted.
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
RDS(on)
Low-side FET on resistance
VIN = 3.3V, VOUT = 12V, TJ = 25°C
35
mΩ
High-side + Dis connect FET on
resistance
VIN = 3.3V, VOUT = 12V, TJ = 25°C
106
mΩ
CURRENT LIMIT
ILIM
Current Limit (Auto PFM)
VIN = 3V to 4.5V, VOUT = 5V to 16V, TJ =
-40°C to 125°C
3.4
3.8
4.3
A
Current Limit (Forced PWM)
VIN = 3V to 4.5V, VOUT = 5V to 16V, TJ =
-40°C to 125°C
3.28
3.6
4.0
A
EN, MODE, SDA, SCL, ADDR LOGICS
VIH
EN, MODE pin high level input voltage
1.2
V
VIL
EN, MODE pin low level input voltage
0.4
V
VHYS
EN, MODE pin Hysteresis
100
mV
VIH
ADDR, SDA, SCL pin high level input
voltage
1.2
V
VIL
ADDR, SDA, SCL pin low level input
voltage
0.4
V
TDEGLITCH
EN, MODE deglitch time rising / falling
VIN = 3.3V, VOUT = 12V, TJ = 25°C
13
µs
RPD
EN, MODE pulldown resistor
VIN = 3.3V, VOUT = 12V, TJ = 25°C
800
kΩ
SWITCHING CHARACTER
fSW
Switch frequency
VIN = 3V to 4.5V, VOUT = 5V to 12V, TJ =
-40°C to 125°C
1.2
1.5
1.7
MHz
fSW_FOLD
Switch frequency foldback
VIN = 3.3V, TJ = -40°C to 125°C
470
535
600
kHz
VFSW_LOW
Threshold for fsw foldback (1.5 MHz
normal)
VIN = 3.3V, TJ = -40°C to 125°C
15%
20%
25%
%
VFSW_LOW_H
SY
Hysteresis for fsw foldback
VIN = 3.3V, TJ = 25°C
150
mV
TIMING
tON_MIN
Minimum on time
VIN = 3.3V, TJ =-40°C to 125°C
75
95
ns
tSS
Soft-start time
VIN = 3.3V, VOUT = 12V, TJ = 25°C
1.2
1.5
1.8
ms
tSCP
SCP deglitch time
VIN = 3.3V, VOUT = 12V, TJ = 25°C
135
µs
ERROR AMPLIFIER
VCOMPH
COMP output high voltage Auto PFM
VIN = 3.3V, VOUT = 12V, TJ = 25°C, VFB =
VREF - 200mV
1.4
V
COMP output high voltage Forced PWM
VIN = 3.3V, VOUT = 12V, TJ = 25°C, VFB =
VREF - 200mV
1.5
V
VCOMPL
COMP output low voltage Auto PFM
VIN = 3.3V, V°OUT = 12V, TJ = 25°C, VFB =
VREF + 200mV
0.8
V
COMP output low voltage Forced PWM
VIN = 3.3V, VOUT = 12V, TJ = 25°C, VFB =
VREF + 200mV
0.6
V
Gm
Error amplifier trans conductance
VIN = 3.3V, VOUT = 12V, TJ = 25°C
175
µs
ISINK_EA
Sink current of COMP
VIN = 3.3V, TJ = 25°C, VFB = VREF + 200mV
20
µA
ISOURCE_EA
Source current of COMP
VIN = 3.3V, TJ = 25°C, VFB = VREF - 200mV
20
µA
PROTECTION
VREF_OVP
Reference Overvoltage protection
VIN = 2.7V to 5.5V, TJ = -40°C to 125°C
1.20
1.25
1.30
Vref
VOUT_OVP
Output overvoltage protection threshold
VIN = 2.7V to 5.5V, TJ = -40°C to 125°C
16.5
17.3
18
V
THERMAL
TSD
Thermal shutdown threshold
VIN = 3.3V, VOUT = 12V
150
C
TSD_HYS
Thermal shutdown hysteresis
VIN = 3.3V, VOUT = 12V
20
C
TPS61371
SLVSI31 – APRIL 2026
www.ti.com
6
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TPS61371



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com