Electronic Components Datasheet Search
  English  ▼

X  

TPS61371 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS61371
Description  TPS61371 16V, 3.8A Synchronous Boost With Load Disconnect
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS61371 Datasheet(HTML) 4 Page - Texas Instruments

  TPS61371 Datasheet HTML 1Page - Texas Instruments TPS61371 Datasheet HTML 2Page - Texas Instruments TPS61371 Datasheet HTML 3Page - Texas Instruments TPS61371 Datasheet HTML 4Page - Texas Instruments TPS61371 Datasheet HTML 5Page - Texas Instruments TPS61371 Datasheet HTML 6Page - Texas Instruments TPS61371 Datasheet HTML 7Page - Texas Instruments TPS61371 Datasheet HTML 8Page - Texas Instruments TPS61371 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Voltage range at terminals(2)
BST
–0.3
SW + 6
V
Voltage range at terminals(2)
SW, VOUT
-0.3
19
V
Voltage range at terminals(2)
VIN, EN, COMP, FB, MODE, ADDR, SDA, SCL
–0.3
6
V
Operating junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
All voltage values are with respect to network ground terminal.
5.2 ESD Ratings
VALUE
UNIT
V(ESD) (1)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(2)
±2000
V
Charged-device model (CDM), per ANSI/ESDA/JEDEC JS-002(3)
±500
(1)
Electrostatic discharge (ESD) to measure device sensitivity and immunity to damage caused by assembly line electrostatic discharges
in to the device.
(2)
Level listed above is the passing level per ANSI, ESDA, and JEDEC JS-001. JEDEC document JEP155 states that 500V HBM allows
safe manufacturing with a standard ESD control process. Manufacturing with less than 500V HBM is possible with the necessary
precautions.
(3)
Level listed above is the passing level per ANSI/ESDA/JEDEC JS-002. JEDEC document JEP157 states that 250V CDM allows
safe manufacturing with a standard ESD control process. Manufacturing with less than 250V CDM is possible with the necessary
precautions.
5.3 Recommended Operating Conditions
Over operating free-air temperature range unless otherwise noted.
MIN
NOM
MAX
UNIT
VIN
Input voltage
2.7
5.5
V
VOUT
Output voltage
5
16
V
TJ
Operating junction temperature
–40
125
°C
TPS61371
SLVSI31 – APRIL 2026
www.ti.com
4
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TPS61371



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com