Electronic Components Datasheet Search
  English  ▼

X  

TPS61371 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS61371
Description  TPS61371 16V, 3.8A Synchronous Boost With Load Disconnect
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS61371 Datasheet(HTML) 1 Page - Texas Instruments

  TPS61371 Datasheet HTML 1Page - Texas Instruments TPS61371 Datasheet HTML 2Page - Texas Instruments TPS61371 Datasheet HTML 3Page - Texas Instruments TPS61371 Datasheet HTML 4Page - Texas Instruments TPS61371 Datasheet HTML 5Page - Texas Instruments TPS61371 Datasheet HTML 6Page - Texas Instruments TPS61371 Datasheet HTML 7Page - Texas Instruments TPS61371 Datasheet HTML 8Page - Texas Instruments TPS61371 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
TPS61371 16V, 3.8A Synchronous Boost With Load Disconnect
1 Features
• Input voltage range: 2.7V to 5.5V
• Output voltage range: up to 16V
– I2C programmable VOUT through FB Vref
• On-resistance:
– Low-side FET - 35mΩ
– High-side + disconnect FET - 106mΩ
• Switch peak current limit: 3.8A typical
• Quiescent current from VIN: 125μA
• Quiescent current from VOUT: 10μA
• Shutdown current from VIN: 2.5μA
• Switching frequency: 1.5MHz
• Soft-start time: 1.5ms
• Auto PFM and forced PWM selectable
• Load disconnect during shutdown
• Output discharge selectable
• External loop compensation
• Output short and overvoltage protection with latch
type
• 2.5mm × 2.5mm × 0.8mm (max) HotRod™ lite
WQFN package
2 Applications
• RF PA driver
• SSD
• Backup power
• Optical sensor driver
3 Description
The TPS61371 is a fully-integrated synchronous
boost converter with the load disconnect built-in.
The device supports output voltage up to 16V with
a 3.8A current limit. The output voltage can be
changed either by the feedback resistors or by the I2C
controlled reference voltage VREF. The input voltage
ranges from 2.7V to 5.5V supporting applications
powered by a single-cell Lithium-ion battery or 5V
bus.
The TPS61371 uses the peak current mode with the
adaptive off-time control topology. The device works
in PWM operation of 1.5MHz at moderate-to-heavy
loads. At the light load conditions, the device can
be configured in either auto PFM or forced PWM
operation. The mode is determined by the connection
of the MODE pin and the I2C register. Auto PFM
mode has the benefit of high efficiency at light load
while forced PWM operation keeps the switching
frequency constant across the whole load range. The
TPS61371 has a soft start to minimize the inrush
current during start-up. The TPS61371 features of
the load disconnect during shutdown and provides
latch type overvoltage and output short protections.
In addition, the device implements thermal shutdown
protection.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
TPS61371
VAR (WQFN-HR, 14)
2.5mm × 2.5mm
(1)
For more information, see Section 11.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
VIN
SW
FB
GND
R
UP
R
DOWN
OFF
ON
C
IN
C
OUT
BST
C
BST
R
C
Cc
COMP
SDA
VOUT
EN
MODE
SCL
ADDR
R
ADDR2
VIN
MCU
L
R
ADDR1
Typical Application Circuit
TPS61371
SLVSI31 – APRIL 2026
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS61371

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61372 TI1-TPS61372 Datasheet
805Kb / 35P
16-V, 3.6-A Synchronous Boost with Load Disconnect
TPS61372 TI1-TPS61372 Datasheet
1Mb / 29P
16-V, 3.8-A Synchronous Boost With Load Disconnect
TPS61372L TI2-TPS61372L Datasheet
1Mb / 32P
TPS61372L 16V, 3.8A Synchronous Boost With Load Disconnect
REVISED JUNE 2025
TPS61372LVARR TI2-TPS61372LVARR Datasheet
1Mb / 32P
TPS61372L 16V, 3.8A Synchronous Boost With Load Disconnect
REVISED JUNE 2025
TPS61372YKBR TI1-TPS61372YKBR Datasheet
1Mb / 29P
16-V, 3.8-A Synchronous Boost With Load Disconnect
More results

Similar Description - TPS61371

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4869 MICRO-LINEAR-ML4869 Datasheet
200Kb / 8P
Medium Current Boost Regulator with Load Disconnect
ML4870 MICRO-LINEAR-ML4870 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
logo
Power IC Ltd.
PS0100 PICSEMI-PS0100 Datasheet
979Kb / 13P
600mA Synchronous Boost Converter with Output Disconnect
logo
Microchip Technology
MIC2876 MICROCHIP-MIC2876 Datasheet
625Kb / 26P
4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
06/23/16
MIC2875 MICROCHIP-MIC2875 Datasheet
434Kb / 24P
4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
07/14/15
logo
Texas Instruments
TPS61178 TI1-TPS61178 Datasheet
728Kb / 35P
20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
TPS61178 TI1-TPS61178_17 Datasheet
1Mb / 40P
20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
logo
Micrel Semiconductor
MIC2875 MICREL-MIC2875 Datasheet
403Kb / 7P
4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
logo
Texas Instruments
TPS61372 TI1-TPS61372 Datasheet
805Kb / 35P
16-V, 3.6-A Synchronous Boost with Load Disconnect
TPS61372 TI1-TPS61372_18 Datasheet
1Mb / 29P
16-V, 3.8-A Synchronous Boost With Load Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com