Electronic Components Datasheet Search
  English  ▼

X  

TPS61371 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS61371
Description  TPS61371 16V, 3.8A Synchronous Boost With Load Disconnect
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS61371 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS61371 Datasheet HTML 5Page - Texas Instruments TPS61371 Datasheet HTML 6Page - Texas Instruments TPS61371 Datasheet HTML 7Page - Texas Instruments TPS61371 Datasheet HTML 8Page - Texas Instruments TPS61371 Datasheet HTML 9Page - Texas Instruments TPS61371 Datasheet HTML 10Page - Texas Instruments TPS61371 Datasheet HTML 11Page - Texas Instruments TPS61371 Datasheet HTML 12Page - Texas Instruments TPS61371 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
6 Detailed Description
6.1 Overview
The TPS61371 is a highly-integrated, synchronous boost converter to support 16V output with load disconnect
and short protection built-in. The TPS61371 supports input voltage ranging from 2.7V to 5.5V. The TPS61371
uses the peak current mode with adaptive off-time control topology to regulate the output voltage. The
TPS61371 operates at a quasi-constant frequency pulse width modulation (PWM) at moderate to heavy load
current. At the beginning of each cycle, the low-side FET turns on and the inductor current ramps up to reach
a peak current determined by the output of the error amplifier (EA). When the peak current preset value
determined by the output trips of the EA, the low-side FET turns off. As long as the low-side FET turns off, the
high-side FET turns on after a short delay time to avoid the shoot through. The duration of low-side FET off state
is determined by the VIN / VOUT ratio.
High efficiency is achieved at light load as the TPS61371 operates in PFM operation. The device can be also
configured at forced PWM mode to keep the frequency constant across the whole load range and to have more
immunity against noise sensitive applications. The work mode depends on the FPWM bit in the CONTROL
register. See also the FPWM bit in Table 7-3 for detailed I2C settings.
6.2 Functional Block Diagram
VIN
EN
SW
FB
GND
L
RUP
RDOWN
OFF
ON
CIN
VOUT
COUT
BST
CBST
RC
Cc
COMP
VCC
VREF
+
+
Gm
S
Q
R
VOUT
Q
Hiccup
VOUT
Control
Fault
Proteciton
UVLO
OVP
Thermal
BOOT
REG
VOUT
VOUT
VIN
VOUT
VIN
PWM
Comparator
REF
Soft
start
Current limit
trigger
TOFF
MODE
VIN
LS Driver
HS Driver
VBIAS
SCL
SDA
ADDR
I
2C Control
I
2C Control
www.ti.com
TPS61371
SLVSI31 – APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TPS61371



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com