Electronic Components Datasheet Search
  English  ▼

X  

TPS61371 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS61371
Description  TPS61371 16V, 3.8A Synchronous Boost With Load Disconnect
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS61371 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS61371 Datasheet HTML 6Page - Texas Instruments TPS61371 Datasheet HTML 7Page - Texas Instruments TPS61371 Datasheet HTML 8Page - Texas Instruments TPS61371 Datasheet HTML 9Page - Texas Instruments TPS61371 Datasheet HTML 10Page - Texas Instruments TPS61371 Datasheet HTML 11Page - Texas Instruments TPS61371 Datasheet HTML 12Page - Texas Instruments TPS61371 Datasheet HTML 13Page - Texas Instruments TPS61371 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
6.3 Feature Description
6.3.1 Undervoltage Lockout
The undervoltage lockout (UVLO) circuit prevents the device from malfunctioning at the low input voltage of the
battery from the excessive discharge. The device is ready to operate after the rising VIN trips the UVLO threshold
and disables the output stage of the converter once VIN is below the UVLO falling threshold.
The status of the I2C programing interface is decided only by the VIN. That is, regardless of the status of the EN
pin and CONVERTEN_EN.
• The I2C programing interface is active after VIN is higher than UVLO.
• The programing interface is inactive and all the I2C registers are cleared and reset to the default values after
VIN is lower than UVLO.
6.3.2 Enable and Disable
When the input voltage is above the UVLO threshold, both the EN pin and the CONVERTER_EN register bit
determine the output state. The default CONVERTER_EN bit is 1. See the Table 6-1 for detailed settings.
Table 6-1. EN Configuration Table
VIN
EXTERNAL EN PIN
CONVERTER_EN
DEVICE STATE
OUTPUT STATE
Below UVLO
x
x
Device disable
No output
Above UVLO
Low
0
I2C programming interface active
No output
Above UVLO
Low
1
I2C programming interface active
No output
Above UVLO
High
0
I2C programming interface active
No output
Above UVLO
High
1
Device active
Output enabled
6.3.3 Output Voltage Setting
There are two ways to adjust the output voltage: change the feedback resistor divider and change the reference
voltage.
• When using an external output voltage feedback resistor divider, use Equation 1 to calculate the output
voltage with the reference voltage Vref at the FB pin.
VOUT=Vref× 1+ RUPRDOWN
(1)
• The TPS61371 has a 7-bit DAC to adjust the Vref by I2C control. The adjustable Vref range is 0.324V to
0.959V with a minimum step of 5mV. The default Vref is 0.594V. See Table 7-5 for the detailed VREF setting.
When the VO_Falling discharge bit is enabled, an additional dummy 100Ω resistor load is added at output, so
that the output voltage rising and falling slew rate are same even with no load. After the output voltage reach the
new target value, the discharge resistor is removed automatically.
6.3.4 Reference Voltage Slew Rate
The customer can program the output voltage by adjusting the reference voltage through the I2C interface. Two
Vref slew rates are available, controlled by the REFERENCE_SLEW_RATE bit in the CONTROL register.
• When REFERENCE_SLEW_RATE = 0, Vref slew rate = 3.96mV/10µs
• When REFERENCE_SLEW_RATE = 1, Vref slew rate = 6.60mV/10µs
The default value of REFERENCE_SLEW_RATE is 0.
When VOUT is changed by adjusting Vref, the actual VOUT slew rate is affected not only by the Vref slew rate, but
also by the output capacitor, load current and loop response speed.
6.3.5 Error Amplifier
The TPS61371 has a transconductance amplifier and compares the feedback voltage with the internal voltage
reference (or the internal soft-start voltage during start-up phase). The transconductance of the error amplifier is
TPS61371
SLVSI31 – APRIL 2026
www.ti.com
10
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TPS61371



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com