Electronic Components Datasheet Search
  English  ▼

X  

TPS61371 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS61371
Description  TPS61371 16V, 3.8A Synchronous Boost With Load Disconnect
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS61371 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS61371 Datasheet HTML 9Page - Texas Instruments TPS61371 Datasheet HTML 10Page - Texas Instruments TPS61371 Datasheet HTML 11Page - Texas Instruments TPS61371 Datasheet HTML 12Page - Texas Instruments TPS61371 Datasheet HTML 13Page - Texas Instruments TPS61371 Datasheet HTML 14Page - Texas Instruments TPS61371 Datasheet HTML 15Page - Texas Instruments TPS61371 Datasheet HTML 16Page - Texas Instruments TPS61371 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
IL
Load
VOUT
PFM
PWM
VOUT_PFM
VOUT_NORM
ICLAMP_LOW
TOFF longer with
lower current
TON = (L * I CLAMP_LOW) /
VIN
Figure 6-2. Auto PFM Operation Behavior
6.4.3 Forced PWM Mode
In forced PWM mode, the TPS61371 keeps the switching frequency constant across the whole load range.
When the load current decreases, the output of the internal error amplifier decreases as well to lower the
inductor peak current and delivers less power. The high-side FET is not turned off even if the current through the
FET goes negative to keep the switching frequency be the same as that of the heavy load.
6.4.4 Mode Selectable
There is a MODE pin to configure the TPS61371 into two different operation modes. The device works in forced
PWM mode when mode pin is high. When the MODE pin is pulled to low, the work mode depends on the FPWM
bit in the CONTROL register. See also the FPWM bit in Table 7-3 for detailed I2C settings.
6.5 Programming
6.5.1 Serial Interface Description
I2C is a 2-wire serial interface developed by Philips Semiconductor, now NXP Semiconductors (see NXP
Semiconductors, UM10204 – I2C-Bus Specification and User Manual). The bus consists of a data line (SDA)
and a clock line (SCL) with pullup structures. When the bus is idle, both SDA and SCL lines are pulled high.
All the I2C-compatible devices connect to the I2C bus through open-drain I/O pins, SDA, and SCL. A controller
device, typically a microcontroller or a digital signal processor, controls the bus. The controller is responsible for
generating the SCL signal and device addresses. The controller also generates specific conditions that indicate
the START and STOP of data transfer. A target device receives and transmits data on the bus under control of
the controller device.
The device works as a target and supports the following data transfer modes, as defined in the I2C-Bus
Specification:
• Standard-mode (100Kbps)
• Fast-mode (400Kbps)
• Fast-mode Plus (1Mbps)
The interface adds flexibility to the power supply design, enabling most functions to be programmed to new
values, depending on the instantaneous application requirements. Register contents remain intact as long as
supply voltage remains above VIT+(POR).
The data transfer protocol for standard and fast modes is exactly the same, therefore, the protocol is referred to
as F/S-mode in this document. The device supports 7-bit addressing; 10-bit addressing and general call address
are not supported. The device 7-bit address is programmable by ADDR pin.
To make sure that the I2C function in the device is correctly reset, TI recommends that the I2C controller initiates
a STOP condition on the I2C bus after the initial power up of SDA and SCL pullup voltages.
www.ti.com
TPS61371
SLVSI31 – APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS61371



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com