Electronic Components Datasheet Search
  English  ▼

X  

TPS61371 Datasheet(PDF) 26 Page - Texas Instruments

Part # TPS61371
Description  TPS61371 16V, 3.8A Synchronous Boost With Load Disconnect
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS61371 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TPS61371 Datasheet HTML 22Page - Texas Instruments TPS61371 Datasheet HTML 23Page - Texas Instruments TPS61371 Datasheet HTML 24Page - Texas Instruments TPS61371 Datasheet HTML 25Page - Texas Instruments TPS61371 Datasheet HTML 26Page - Texas Instruments TPS61371 Datasheet HTML 27Page - Texas Instruments TPS61371 Datasheet HTML 28Page - Texas Instruments TPS61371 Datasheet HTML 29Page - Texas Instruments TPS61371 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
KEAS =20×logGEA×RC× RDOWN
RUP+RDOWN =−KPSfC
(19)
where
– KEA is gain of the error amplifier network
– KPS is the gain of the power stage
– GEA is the transconductance of the amplifier, the typical value of GEA = 175µA / V
3. Set the compensation zero capacitor, CC .
• Place the compensation zero at the power stage pole position of ROUT, COUT to get:
fZ= 1
2π×RC×CC
(20)
• Set ƒZ = ƒP, and get:
CC=ROUT×COUT
2×RC
(21)
4. Set the compensation pole capacitor, CP .
• Place the compensation pole at the zero produced by the RESR and the COUT. Canceling unhelpful effects
of the ESR zero is useful.
fP2= 1
2π×RC×CP
(22)
fESR= 1
2π×RESR×COUT
(23)
• Set ƒP2 = ƒESR, and get:
CP=RESR×COUT
RC
(24)
• If the calculated value of CP is less than 10pF, the value can be neglected.
Designing the loop for greater than 45° of phase margin and greater than 6dB gain margin eliminates output
voltage ringing during the line and load transient. The RC = 61.9kΩ , CC = 680pF for this design example.
8.2.2.7 Selecting the Bootstrap Capacitor
The bootstrap capacitor between the BST and SW pin supplies the gate current to charge the high-side
FET device gate during the turn-on of each cycle and also supplies charge for the bootstrap capacitor. The
recommended value of the bootstrap capacitor is 20nF to 200nF. CBST must be a good quality, low-ESR ceramic
capacitor located at the pins of the device to minimize potentially damaging voltage transients caused by trace
inductance. A value of 100nF is selected for this design example.
TPS61371
SLVSI31 – APRIL 2026
www.ti.com
26
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TPS61371



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com