Electronic Components Datasheet Search
  English  ▼

X  

TPS61371 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS61371
Description  TPS61371 16V, 3.8A Synchronous Boost With Load Disconnect
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS61371 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS61371 Datasheet HTML 17Page - Texas Instruments TPS61371 Datasheet HTML 18Page - Texas Instruments TPS61371 Datasheet HTML 19Page - Texas Instruments TPS61371 Datasheet HTML 20Page - Texas Instruments TPS61371 Datasheet HTML 21Page - Texas Instruments TPS61371 Datasheet HTML 22Page - Texas Instruments TPS61371 Datasheet HTML 23Page - Texas Instruments TPS61371 Datasheet HTML 24Page - Texas Instruments TPS61371 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
• ΔIL is the peak-peak inductor current ripple
• VIN is the input voltage
• D is the duty cycle
• L is the inductor
• ƒSW is the switching frequency
• Ripple% is the ripple ration versus the DC current
• VOUT is the output voltage
• IOUT is the output current
• η is the efficiency
The current flowing through the inductor is the inductor ripple current plus the average input current. During
power up, load faults, or transient load conditions, the inductor current can increase above the peak inductor
current calculated.
Inductor values can have ±20% or even ±30% tolerance with no current bias. When the inductor current
approaches the saturation level, the inductance can decrease 20% to 35% from the value at 0A bias current
depending on how the inductor vendor defines saturation. When selecting an inductor, make sure the rated
current, especially the saturation current, is larger than the peak current during the operation.
The inductor peak current varies as a function of the load, the switching frequency, and the input and output
voltages and can be calculated by Equation 5 and Equation 6.
IPEAK=IIN+12×∆IL
(5)
where
• IPEAK is the peak current of the inductor
• IIN is the input average current
• ΔIL is the ripple current of the inductor
The input DC current is determined by the output voltage, the output current, and efficiency can be calculated by:
IIN=VOUT×IOUT
VIN×η
(6)
where
• IIN is the input current of the inductor
• VOUT is the output voltage
• VIN is the input voltage
• η is the efficiency
While the inductor ripple current depends on the inductance, the frequency, the input voltage, and duty cycle
calculated by Equation 2, replace Equation 2, Equation 6 into Equation 5 to calculate the inductor peak current:
IPEAK= IOUT
1−D ×η+12×VIN×D
L×fSW
(7)
where
• IPEAK is the peak current of the inductor
• IOUT is the output current
• D is the duty cycle
• η is the efficiency
• VIN is the input voltage
• L is the inductor
• ƒSW is the switching frequency
The heat rating current (RMS) is calculated by Equation 8:
www.ti.com
TPS61371
SLVSI31 – APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS61371



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com