Electronic Components Datasheet Search
  English  ▼

X  

TPS61371 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS61371
Description  TPS61371 16V, 3.8A Synchronous Boost With Load Disconnect
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS61371 Datasheet(HTML) 3 Page - Texas Instruments

  TPS61371 Datasheet HTML 1Page - Texas Instruments TPS61371 Datasheet HTML 2Page - Texas Instruments TPS61371 Datasheet HTML 3Page - Texas Instruments TPS61371 Datasheet HTML 4Page - Texas Instruments TPS61371 Datasheet HTML 5Page - Texas Instruments TPS61371 Datasheet HTML 6Page - Texas Instruments TPS61371 Datasheet HTML 7Page - Texas Instruments TPS61371 Datasheet HTML 8Page - Texas Instruments TPS61371 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
4 Pin Configuration and Functions
10
9
8
11
3
4
2
VOUT
VOUT
SW
VIN
EN
SDA
COMP
MODE
FB
TPS61371
BST
SCL
ADDR
1
SW
GND
5
6
7
12
13
14
Figure 4-1. VAR Package, 14-Pin WQFN-HR (Top View)
Table 4-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NUMBER
NAME
1, 2
VOUT
PWR
Boost converter output
3, 14
SW
PWR
The switching node pin of the converter. This pin is connected to the drain of the internal
low-side FET and the source of the internal high-side FET. The pin-3 and pin-14 SW must
be connected together. And put the inductor close to the pin-3 SW
4
VIN
I
IC power supply input
5
BST
O
Power supply for the high-side FET gate driver. A capacitor must be connected between
this pin and the SW pin.
6
EN
I
Enable logic input. Logic low level disables the device output. Logic high level and
CONVERTER_EN = 1 enable the device output.
7
MODE
I
Operation mode selection pin.
MODE = high, the device is in forced PWM mode and keeps the switching frequency
constant across the whole load range, regardless of what the FPWM bit is set to MODE
= low, the device work mode depends on the FPWM bit (bit = 0: auto PFM mode; bit = 1:
FPWM mode).
8
ADDR
I
I2C target address set pin. See also Table 6-2.
9
SDA
I/O
I2C serial interface data. Pull this pin up to the I2C bus voltage with a resistor.
10
SCL
I
I2C serial interface clock. Pull this pin up to the I2C bus voltage with a resistor.
11
COMP
O
Output of the internal error amplifier. The loop compensation network must be connected
between this pin and GND.
12
FB
I
Output voltage feedback. A resistor divider connecting to this pin sets the default output
voltage.
13
GND
—
Ground
(1)
PWR = power, I = input, O = output
www.ti.com
TPS61371
SLVSI31 – APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TPS61371



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com