Electronic Components Datasheet Search
  English  ▼

X  

TPS61371 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS61371
Description  TPS61371 16V, 3.8A Synchronous Boost With Load Disconnect
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS61371 Datasheet(HTML) 2 Page - Texas Instruments

  TPS61371 Datasheet HTML 1Page - Texas Instruments TPS61371 Datasheet HTML 2Page - Texas Instruments TPS61371 Datasheet HTML 3Page - Texas Instruments TPS61371 Datasheet HTML 4Page - Texas Instruments TPS61371 Datasheet HTML 5Page - Texas Instruments TPS61371 Datasheet HTML 6Page - Texas Instruments TPS61371 Datasheet HTML 7Page - Texas Instruments TPS61371 Datasheet HTML 8Page - Texas Instruments TPS61371 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 4
5.1 Absolute Maximum Ratings........................................ 4
5.2 ESD Ratings .............................................................. 4
5.3 Recommended Operating Conditions.........................4
5.4 Thermal Information....................................................5
5.5 Electrical Characteristics.............................................5
5.6 I2C Timing Requirements........................................... 7
5.7 Typical Characteristics................................................ 8
6 Detailed Description........................................................9
6.1 Overview..................................................................... 9
6.2 Functional Block Diagram........................................... 9
6.3 Feature Description...................................................10
6.4 Device Functional Modes..........................................12
6.5 Programming............................................................ 13
7 Register Map.................................................................. 17
7.1 Register Description..................................................17
8 Application and Implementation.................................. 19
8.1 Application Information............................................. 19
8.2 Typical Application.................................................... 19
8.3 Power Supply Recommendations.............................28
8.4 Layout....................................................................... 28
9 Device and Documentation Support............................30
9.1 Device Support......................................................... 30
9.2 Receiving Notification of Documentation Updates....30
9.3 Support Resources................................................... 30
9.4 Trademarks...............................................................30
9.5 Electrostatic Discharge Caution................................30
9.6 Glossary....................................................................30
10 Revision History.......................................................... 30
11 Mechanical, Packaging, and Orderable
Information.................................................................... 31
TPS61371
SLVSI31 – APRIL 2026
www.ti.com
2
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TPS61371



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com