Electronic Components Datasheet Search
  English  ▼

X  

6015607 Datasheet(PDF) 4 Page - Clarke International

Part # 6015607
Description  MIG/MMA/TIG INVERTER WELDER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

6015607 Datasheet(HTML) 4 Page - Clarke International

  6015607 Datasheet HTML 1Page - Clarke International 6015607 Datasheet HTML 2Page - Clarke International 6015607 Datasheet HTML 3Page - Clarke International 6015607 Datasheet HTML 4Page - Clarke International 6015607 Datasheet HTML 5Page - Clarke International 6015607 Datasheet HTML 6Page - Clarke International 6015607 Datasheet HTML 7Page - Clarke International 6015607 Datasheet HTML 8Page - Clarke International 6015607 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
• The unique arc starting and burn back control technology greatly improve the arc
starting success rate and achieves high-quality fast spot welding.
• The digitally controlled wire feeding system makes the wire feeding more stable.
• Synergic control in a MIG welding machine refers to a machine that automatically
sets the welding parameters, according to the wire type, diameter and shielding
gas. This is achieved by selecting either the amperage, wire feed speed or plate
thickness required, with a single knob. The built-in database with synergic mode
makes the welding easier.
• The digital operating panel is simple and intuitive. It can display the pre-set
current and voltage and also the actual welding current and voltage.
• The fault error code function to diagnose any faults.
APPLICATIONS
• Welding lower carbon steel.
• Flat welding, vertical welding, overhead welding, horizontal welding and all
position welding.
• Suitable for 0.8/1.0/1.2 solid wire.
• Acid, alkaline, stainless steel, low hydrogen welding rod when MMA function.
SUITABILITY OF DIFFERENT METHODS
When using the welder in a gasless configuration the shielding gas is created from the
flux within the welding wire.
MMA/Arc Welding
Carbon Steel, Low Alloy Steel, Stainless Steel, Cast Iron.
MIG Welding
Carbon Steel, Mild Steel, Stainless Steel
TIG Welding
Carbon Steel, Low Alloy Steel, Stainless Steel, Cast Iron,
Titanium, Copper + Brass.
Metal Being Welded
Suitable Gas
Part number
Mild Steel
Carbon Dioxide (CO2)
6000642
Stainless Steel
Argon
6000663
Aluminium
Thin Sheet Metal/Mild Steel
Carbon Dioxide (CO2)/Argon Mix
6000662



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com