Electronic Components Datasheet Search
  English  ▼

X  

6015607 Datasheet(PDF) 20 Page - Clarke International

Part # 6015607
Description  MIG/MMA/TIG INVERTER WELDER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

6015607 Datasheet(HTML) 20 Page - Clarke International

Back Button 6015607 Datasheet HTML 16Page - Clarke International 6015607 Datasheet HTML 17Page - Clarke International 6015607 Datasheet HTML 18Page - Clarke International 6015607 Datasheet HTML 19Page - Clarke International 6015607 Datasheet HTML 20Page - Clarke International 6015607 Datasheet HTML 21Page - Clarke International 6015607 Datasheet HTML 22Page - Clarke International 6015607 Datasheet HTML 23Page - Clarke International 6015607 Datasheet HTML 24Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
20
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SETTING THE DRIVE ROLLER SIZE
1. Release the tensioning lever to the
left and hinge up the tension arm.
2. Unscrew the knurled knob and
remove it in order to pull off the
guide roller.
• The groove size is stamped on the
corresponding side of the roller.
3. Select the groove size according to
the size of the wire you will be using.
4. Replace the chosen roller onto the spindle. Secure with the knurled knob and re-
tension the locking handle.
THREADING THE WIRE
IMPORTANT: Do not release the tension on the wire spool as it will
unravel causing feeding problems later.
1. Pull out the end of the wire from the spool, taking care not to release the tension.
• We recommend you cut off and discard the first 10 cm of wire from the
spool to avoid any burrs and then straighten the next few centimetres of
wire to help with feeding.
2. Loosen the tensioning lever and lift up the roller tensioning arm.
3. Feed the wire through the guides,
over the drive roller and into the
torch liner.
• Guide about 10-15 cm into the
torch liner.
4. Lower and reset the tensioning lever
and arm.
• Tighten the tensioner sufficiently
to hold in position but do not fully
tighten.
NOTE: Correct tension will allow the wire to feed into the torch liner smoothly
but will allow the drive roller to slip in the event of a blockage.
5. Adjust the tensioning levers so that the pressing force is appropriate, the welding
wire is normally feeding and there is no slip on the wire feed rollers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com