Electronic Components Datasheet Search
  English  ▼

X  

6015607 Datasheet(PDF) 16 Page - Clarke International

Part # 6015607
Description  MIG/MMA/TIG INVERTER WELDER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

6015607 Datasheet(HTML) 16 Page - Clarke International

Back Button 6015607 Datasheet HTML 12Page - Clarke International 6015607 Datasheet HTML 13Page - Clarke International 6015607 Datasheet HTML 14Page - Clarke International 6015607 Datasheet HTML 15Page - Clarke International 6015607 Datasheet HTML 16Page - Clarke International 6015607 Datasheet HTML 17Page - Clarke International 6015607 Datasheet HTML 18Page - Clarke International 6015607 Datasheet HTML 19Page - Clarke International 6015607 Datasheet HTML 20Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
16
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
In general, this switch is pulled up to the ON position. Starting and stopping the
power source should use the power switch on the switch board. DO NOT use this
switch as a power switch.
(15) CABLE CLAMP
(16) GAS SUPPLY CONNECTOR
(17) COOLING FAN
LOOSE ITEMS SUPPLIED
The following items are supplied loose with the machine. When unpacking, any
damage or deficiency should be reported to your CLARKE dealer immediately.
• 1 x MB 25AK welding torch with hose (0.8mm tip fitted)
• 1 x Electrode holder/lead
• 1 x Earth cable/clamp
• 1 x Set U rollers U1.0/1.2mm (Alu welding)
• 2 x Hose clips
• 1 x 2M Gas hose
• 1 x 1.0mm welding torch tip
• 1 x 1.2mm welding torch tip
• 1 x 1.0mm welding torch tip (aluminium wire)
• 1 x 1.2mm welding torch tip (aluminium wire)
• 1 x PTFE liner
• 1 x Gas cylinder retaining strap
• 2 x Castor wheels with fittings
• 2 x Wheels with fittings
• 1 x Base for gas bottle inc axle for wheels
(A TIG torch kit is not supplied with the machine. These are however, is readily
available from your CLARKE dealer (Part number 6012232/6012239).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com