Electronic Components Datasheet Search
  English  ▼

X  

6015607 Datasheet(PDF) 10 Page - Clarke International

Part # 6015607
Description  MIG/MMA/TIG INVERTER WELDER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

6015607 Datasheet(HTML) 10 Page - Clarke International

Back Button 6015607 Datasheet HTML 6Page - Clarke International 6015607 Datasheet HTML 7Page - Clarke International 6015607 Datasheet HTML 8Page - Clarke International 6015607 Datasheet HTML 9Page - Clarke International 6015607 Datasheet HTML 10Page - Clarke International 6015607 Datasheet HTML 11Page - Clarke International 6015607 Datasheet HTML 12Page - Clarke International 6015607 Datasheet HTML 13Page - Clarke International 6015607 Datasheet HTML 14Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
10
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SAFETY DEVICES
Safety devices such as interlocks and circuit breakers should not be disconnected or
shunted out. Before installation, inspection, or service of equipment, shut off all
power and remove line fuses (or lock or red-tag switches) to prevent accidental
turning ON of power. DO NOT open power circuit or change polarity while welding. If,
in an emergency, it must be disconnected, guard against shock burns or flash from
switch arcing. Always shut OFF and disconnect all power to equipment. A power
disconnect switch must be available near the welding power source.
PREPARATION OF THE WORKING AREA
The working area must be sufficiently spacious, with low humidity and good
ventilation as to avoid any fumes which develop from the welding process and from
incidental material adhering to the pieces to be welded (oils, paints, tars...) which
may cause danger to the operator.
Avoid welding any tanks which may contain flammable residuals.
WARNING: ELECTRIC SHOCK CAN BE FATAL. A PERSON QUALIFIED
IN FIRST AID SHOULD ALWAYS BE PRESENT IN THE WORKING
AREA. IF PERSON IS UNCONSCIOUS AND ELECTRIC SHOCK IS
SUSPECTED, DO NOT TOUCH THE PERSON IF HE OR SHE IS IN
CONTACT WITH THE WELDER OR CABLES. DISCONNECT THE
WELDER FROM THE POWER SOURCE AND THEN USE FIRST AID. DRY
WOOD OR OTHER INSULATING MATERIAL CAN BE USED TO MOVE
CABLES, IF NECESSARY, AWAY FROM THE PERSON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com