Electronic Components Datasheet Search
  English  ▼

X  

6015607 Datasheet(PDF) 30 Page - Clarke International

Part # 6015607
Description  MIG/MMA/TIG INVERTER WELDER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

6015607 Datasheet(HTML) 30 Page - Clarke International

Back Button 6015607 Datasheet HTML 26Page - Clarke International 6015607 Datasheet HTML 27Page - Clarke International 6015607 Datasheet HTML 28Page - Clarke International 6015607 Datasheet HTML 29Page - Clarke International 6015607 Datasheet HTML 30Page - Clarke International 6015607 Datasheet HTML 31Page - Clarke International 6015607 Datasheet HTML 32Page - Clarke International 6015607 Datasheet HTML 33Page - Clarke International 6015607 Datasheet HTML 34Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
30
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
WELDING SETTINGS TABLES
L-SHAPED BUTT WELDING
FLAT ANGLE T-SHAPED WELDING
Metal
thickness
(mm)
Wire
diameter
(mm)
Root gap
G (mm)
Welding
current
(A)
Welding
voltage
(V)
Welding
speed
(cm/
min)
Gas Flow
(L/min)
0.8
0.8 - 0.9
0
60-70
16-16.5
50-60
10
1.0
0.8 - 0.9
0
75-85
17-17.5
50-60
10-15
1.2
0.8 - 0.9
0
80-90
17-18
50-60
10-15
1.6
0.8 - 0.9
0
95-105
18-19
45-50
10-15
2.0
1.0 - 1.2
0 - 0.5
110-120
19-19.5
45-50
10-15
2.3
1.0 - 1.2
0.5 - 1.0
120-130
19.5-20
45-50
10-15
3.2
1.0 - 1.2
1.0 - 1.2
140-150
20-21
45-50
10-15
4.5
1.0 - 1.2
1.0 - 1.5
140-150
22-23
40-50
15
6.0
1.2
1.2 - 1.5
170-185
24-26
40-50
15-20
9.0
1.2
1.2 - 1.5
320-340
32-34
40-50
15-20
Metal
thickness
(mm)
Wire
diameter
(mm)
Welding
current (A)
Welding
voltage (V)
Welding
speed (cm/
min)
Gas Flow
(L/min)
1.0
0.8 - 0.9
70-80
17-18
50-60
10-15
1.2
0.9-1.0
85-90
18-19
50-60
10-15
1.6
1.0-1.2
100-110
18-19.5
50-60
10-15
2.0
1.0-1.2
115-125
19.5-20
50-60
10-15
2.3
1.0-1.2
130-140
19.5-21
50-60
10-15
3.2
1.0-1.2
150-170
21-22
45-50
15-20
4.5
1.0 - 1.2
180-200
23-24
40-45
15-20
6
1.2
230-260
25-27
40-45
15-20
8.9
1.2-1.6
270-380
29-35
40-45
20-25
12
1.2-1.6
300-380
32-35
35-40
20-25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com